Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1104 Datasheet (PDF) - International Rectifier

IRF1104 Datasheet PDF - International Rectifier
Part # IRF1104
Download  IRF1104 Download
File Size   101.15 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??

IRF1104 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1104 Datasheet PDF - International Rectifier

Part # IRF1104
Download  IRF1104 Click to download

File Size   101.15 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??

IRF1104 Datasheet (HTML) - International Rectifier


IRF1104 Product details

VDSS = 40V

RDS(on) = 0.009Ω

ID = 100A



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.



Advanced Process Technology

Ultra Low On-Resistance

175°C Operating Temperature

Fast Switching

Fully Avalanche Rated




Similar Part No. - IRF1104

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1104 ISC-IRF1104 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1104L IRF-IRF1104L Datasheet
208Kb / 10P
HEXFET Power MOSFET
IRF1104LPBF IRF-IRF1104LPBF Datasheet
263Kb / 10P
HEXFET Power MOSFET
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRF1104PBF IRF-IRF1104PBF Datasheet
191Kb / 9P
Advanced Process Technology
More results


Similar Description - IRF1104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFBA1404P IRF-IRFBA1404P Datasheet
115Kb / 9P
Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRFPS3810 IRF-IRFPS3810 Datasheet
124Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com