Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1407S Datasheet (PDF) - International Rectifier

IRF1407S Datasheet PDF - International Rectifier
Part # IRF1407S
Download  IRF1407S Download
File Size   159.79 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??

IRF1407S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1407S Datasheet PDF - International Rectifier

Part # IRF1407S
Download  IRF1407S Click to download

File Size   159.79 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??

IRF1407S Datasheet (HTML) - International Rectifier


IRF1407S Product details

Description
Advanced HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRF1407L) is available for low profile applications.

Benefits
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax




Similar Part No. - IRF1407S

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1407S ISC-IRF1407S Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
259Kb / 12P
Advanced Process Technology
logo
Infineon Technologies A...
IRF1407SPBF INFINEON-IRF1407SPBF Datasheet
578Kb / 12P
HEXFET짰 Power MOSFET
2016-5-26
logo
International Rectifier
IRF1407SPBF IRF-IRF1407SPBF_15 Datasheet
259Kb / 12P
Advanced Process Technology
More results


Similar Description - IRF1407S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF1104PBF IRF-IRF1104PBF Datasheet
190Kb / 9P
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com