Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP2907 Datasheet (PDF) - International Rectifier

IRFP2907 Datasheet PDF - International Rectifier
Part # IRFP2907
Download  IRFP2907 Download
File Size   115.6 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??

IRFP2907 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFP2907 Datasheet PDF - International Rectifier

Part # IRFP2907
Download  IRFP2907 Click to download

File Size   115.6 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??

IRFP2907 Datasheet (HTML) - International Rectifier


IRFP2907 Product details

Description

Specifically designed for Automotive applications, this Stripe Planar design of HEXFET® Power MOSFETs utilizes the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this HEXFET power MOSFET are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.



Benefits

● Advanced Process Technology

● Ultra Low On-Resistance

● Dynamic dv/dt Rating

● 175°C Operating Temperature

● Fast Switching

● Repetitive Avalanche Allowed up to Tjmax



Typical Applications

● Integrated Starter Alternator

● 42 Volts Automotive Electrical Systems



 




Similar Part No. - IRFP2907

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP2907 IRF-IRFP2907 Datasheet
18Kb / 1P
HEXFET Power MOSFET Die in Wafer Form
logo
Kersemi Electronic Co.,...
IRFP2907 KERSEMI-IRFP2907 Datasheet
826Kb / 9P
Integrated Starter Alternator
logo
Inchange Semiconductor ...
IRFP2907 ISC-IRFP2907 Datasheet
334Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFP2907PBF IRF-IRFP2907PBF Datasheet
224Kb / 9P
Advanced Process Technology
More results


Similar Description - IRFP2907

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407 IRF-IRF1407 Datasheet
127Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF2807 IRF-IRF2807 Datasheet
207Kb / 8P
Power MOSFET(Vdss=75V, Id=82A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com