Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1407 Datasheet (PDF) - International Rectifier

IRF1407 Datasheet PDF - International Rectifier
Part # IRF1407
Download  IRF1407 Download
File Size   127.66 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??

IRF1407 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1407 Datasheet PDF - International Rectifier

Part # IRF1407
Download  IRF1407 Click to download

File Size   127.66 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A??

IRF1407 Datasheet (HTML) - International Rectifier


IRF1407 Product details

Description
Specifically designed for Automotive applications, this Stripe Planar design of HEXFET® Power MOSFETs utilizes the lastest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this HEXFET power MOSFET are a 175°C junction operating temperature, fast switching speed and improved repetitive avalanche rating. These benefits combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.

Benefits
● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax

Typical Applications
● Integrated Starter Alternator
● 42 Volts Automotive Electrical Systems




Similar Part No. - IRF1407

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRF1407 ISC-IRF1407 Datasheet
338Kb / 2P
N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407 IRF-IRF1407 Datasheet
271Kb / 9P
Advanced Process Technology
IRF1407L IRF-IRF1407L Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
logo
Inchange Semiconductor ...
IRF1407L ISC-IRF1407L Datasheet
331Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1407LPBF IRF-IRF1407LPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
More results


Similar Description - IRF1407

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRF1607 IRF-IRF1607 Datasheet
234Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.0075ohm, Id=142A??
IRF2807 IRF-IRF2807 Datasheet
207Kb / 8P
Power MOSFET(Vdss=75V, Id=82A??
IRF3808 IRF-IRF3808 Datasheet
131Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=0.007ohm, Id=140A??
IRFP064V IRF-IRFP064V Datasheet
210Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
IRFP2907 IRF-IRFP2907 Datasheet
115Kb / 9P
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A??
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFZ24NS IRF-IRFZ24NS Datasheet
159Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com