Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1407LPBF Datasheet (PDF) - International Rectifier

IRF1407LPBF Datasheet PDF - International Rectifier
Part # IRF1407LPBF
Download  IRF1407LPBF Download
File Size   258.07 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )

IRF1407LPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1407LPBF Datasheet PDF - International Rectifier

Part # IRF1407LPBF
Download  IRF1407LPBF Click to download

File Size   258.07 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )

IRF1407LPBF Datasheet (HTML) - International Rectifier


IRF1407LPBF Product details

Description
Advanced HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRF1407L) is available for low profile applications.

Benefits
O Advanced Process Technology
O Ultra Low On-Resistance
O Dynamic dv/dt Rating
O 175°C Operating Temperature
O Fast Switching
O Repetitive Avalanche Allowed up to Tjmax
O Lead-Free




Similar Part No. - IRF1407LPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF1407LPbF INFINEON-IRF1407LPbF Datasheet
578Kb / 12P
HEXFET짰 Power MOSFET
2016-5-26
More results


Similar Description - IRF1407LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1407S IRF-IRF1407S Datasheet
159Kb / 11P
Power MOSFET(Vdss = 75V, Rds(on) = 0.0078?? Id = 100A??
IRFP2907PBF IRF-IRFP2907PBF Datasheet
207Kb / 10P
AUTOMOTIVE MOSFET (VDSS = 75V , RDS(on) = 4.5m廓 , ID = 209A)
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
IRF3710SPBF IRF-IRF3710SPBF Datasheet
279Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = 100V , RDS(on) = 23m廓 , ID = 57A )
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
IRFP054VPBF IRF-IRFP054VPBF Datasheet
176Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 9.0m廓 , ID = 93A )
IRFZ44VZPBF IRF-IRFZ44VZPBF Datasheet
355Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 60V , RDS(on) = 12m廓 , ID = 57A )
IRFZ44ZPBF IRF-IRFZ44ZPBF Datasheet
291Kb / 13P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 13.9m廓 , ID = 51A )
IRL1404PBF IRF-IRL1404PBF Datasheet
133Kb / 9P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 4.0m廓 , ID = 160A )
IRF1405ZS-7PPBF IRF-IRF1405ZS-7PPBF Datasheet
696Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 120A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com