Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1104PBF Datasheet (PDF) - International Rectifier

IRF1104PBF Datasheet PDF - International Rectifier
Part # IRF1104PBF
Download  IRF1104PBF Download
File Size   190.33 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )

IRF1104PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1104PBF Datasheet PDF - International Rectifier

Part # IRF1104PBF
Download  IRF1104PBF Click to download

File Size   190.33 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009廓 , ID = 100A )

IRF1104PBF Datasheet (HTML) - International Rectifier


IRF1104PBF Product details

VDSS = 40V

RDS(on) = 0.009Ω

ID = 100A



Description

Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

The TO-220 package is universally preferred for all commercial-industrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry.



Advanced Process Technology

Ultra Low On-Resistance

175°C Operating Temperature

Fast Switching

Fully Avalanche Rated

Lead Free




Similar Part No. - IRF1104PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104PBF IRF-IRF1104PBF Datasheet
191Kb / 9P
Advanced Process Technology
IRF1104PBF IRF-IRF1104PBF_15 Datasheet
191Kb / 9P
Advanced Process Technology
More results


Similar Description - IRF1104PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRL640PBF IRF-IRL640PBF Datasheet
930Kb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.18廓 , ID = 17A )
IRLZ34NSPBF IRF-IRLZ34NSPBF Datasheet
297Kb / 11P
HEXFET Power MOSFET ( VDSS = 55V , RDS(on) = 0.035廓 , ID = 30A )
IRF1407SPBF IRF-IRF1407SPBF Datasheet
258Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 75V , RDS(on) = 0.0078廓 , ID = 100A )
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFZ48RSPBF IRF-IRFZ48RSPBF Datasheet
255Kb / 10P
HEXFET POWER MOSFET ( VDSS = 60V , RDS(on) = 0.018廓 , ID = 50A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRF630PBF IRF-IRF630PBF Datasheet
2Mb / 8P
HEXFET Power MOSFET ( VDSS = 200V , RDS(on) = 0.40廓 , ID = 9.0A )
IRFR420PBF IRF-IRFR420PBF Datasheet
857Kb / 10P
HEXFET POWER MOSFET ( VDSS = 500V , RDS(on) = 3.0廓 , ID = 2.4A )
IRFR9210PBF IRF-IRFR9210PBF Datasheet
1Mb / 10P
HEXFET POWER MOSFET ( VDSS = -200V , RDS(on) = 3.0廓 , ID = -1.9A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com