Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPS3810 Datasheet (PDF) - International Rectifier

IRFPS3810 Datasheet PDF - International Rectifier
Part # IRFPS3810
Download  IRFPS3810 Download
File Size   124.13 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??

IRFPS3810 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFPS3810 Datasheet PDF - International Rectifier

Part # IRFPS3810
Download  IRFPS3810 Click to download

File Size   124.13 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??

IRFPS3810 Datasheet (HTML) - International Rectifier


IRFPS3810 Product details

Description
The HEXFET® Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.

● Advanced Process Technology
● Ultra Low On-Resistance
● Dynamic dv/dt Rating
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRFPS3810

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFPS3810 ISC-IRFPS3810 Datasheet
395Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
HEXFET짰 Power MOSFET
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
178Kb / 8P
Advanced Process Technology
IRFPS3810PBF IRF-IRFPS3810PBF_15 Datasheet
178Kb / 8P
Advanced Process Technology
More results


Similar Description - IRFPS3810

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF3710S IRF-IRF3710S Datasheet
184Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.025ohm, Id=57A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRF5210 IRF-IRF5210 Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.06ohm, Id=-40A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com