Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFR4104 Datasheet (PDF) - International Rectifier

IRFR4104 Datasheet PDF - International Rectifier
Part # IRFR4104
Download  IRFR4104 Download
File Size   182.26 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)

IRFR4104 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRFR4104 Datasheet PDF - International Rectifier

Part # IRFR4104
Download  IRFR4104 Click to download

File Size   182.26 Kbytes
Page   11 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)

IRFR4104 Datasheet (HTML) - International Rectifier


IRFR4104 Product details

AUTOMOTIVE MOSFET

Description
Specifically designed for Automotive applications, this HEXFET® Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area. Additional features of this design are a 175°C junction operating tempera ture, fast switching speed and improved repetitive avalanche rating . These features combine to make this design an extremely efficient and reliable device for use in Automotive applications and a wide variety of other applications.

Features
● Advanced Process Technology
● Ultra Low On-Resistance
● 175°C Operating Temperature
● Fast Switching
● Repetitive Avalanche Allowed up to Tjmax




Similar Part No. - IRFR4104

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR4104 KERSEMI-IRFR4104 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR4104 KERSEMI-IRFR4104 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR4104 KERSEMI-IRFR4104 Datasheet
3Mb / 11P
AUTOMOTIVE MOSFET
logo
International Rectifier
IRFR4104 IRF-IRFR4104 Datasheet
190Kb / 12P
Advanced Process Technology
logo
Inchange Semiconductor ...
IRFR4104 ISC-IRFR4104 Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
More results


Similar Description - IRFR4104

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1310NS IRF-IRF1310NS Datasheet
156Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFP064V IRF-IRFP064V Datasheet
210Kb / 8P
Power MOSFET(Vdss=60V, Rds(on)=5.5mohm, Id=130A??
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com