Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF1310NS Datasheet (PDF) - International Rectifier

IRF1310NS Datasheet PDF - International Rectifier
Part # IRF1310NS
Download  IRF1310NS Download
File Size   156.84 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)

IRF1310NS Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF1310NS Datasheet PDF - International Rectifier

Part # IRF1310NS
Download  IRF1310NS Click to download

File Size   156.84 Kbytes
Page   10 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)

IRF1310NS Datasheet (HTML) - International Rectifier


IRF1310NS Product details

Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF1310NL) is available for low profile applications.

● Advanced Process Technology
● Surface Mount (IRF1310NS)
● Low-profile through-hole (IRF1310NL)
● 175°C Operating Temperature
● Fast Switching
● Fully Avalanche Rated




Similar Part No. - IRF1310NS

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF1310NS KERSEMI-IRF1310NS Datasheet
1Mb / 10P
Fully Avalanche Rated
logo
Inchange Semiconductor ...
IRF1310NS ISC-IRF1310NS Datasheet
189Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
725Kb / 11P
HEXFET Power MOSFET
IRF1310NSPBF IRF-IRF1310NSPBF Datasheet
726Kb / 11P
ADVANCED PROCESS TECHNOLOGY
IRF1310NSPBF IRF-IRF1310NSPBF_15 Datasheet
726Kb / 11P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRF1310NS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRFI1310N IRF-IRFI1310N Datasheet
104Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=24A)
IRFP150N IRF-IRFP150N Datasheet
135Kb / 8P
Power MOSFET(Vdss=100V, Rds(on)=0.035W, Id=42A)
IRFR2407 IRF-IRFR2407 Datasheet
129Kb / 10P
Power MOSFET(Vdss=75V, Rds(on)=0.026ohm, Id=42A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRFR2905ZPBF IRF-IRFR2905ZPBF Datasheet
278Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m廓 , ID = 42A )
IRFR4104PBF IRF-IRFR4104PBF Datasheet
273Kb / 12P
HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 5.5m廓 , ID = 42A )
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com