Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7471 Datasheet (PDF) - International Rectifier

IRF7471 Datasheet PDF - International Rectifier
Part # IRF7471
Download  IRF7471 Download
File Size   214.24 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)

IRF7471 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7471 Datasheet PDF - International Rectifier

Part # IRF7471
Download  IRF7471 Click to download

File Size   214.24 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)

IRF7471 Datasheet (HTML) - International Rectifier


IRF7471 Product details

SMPS MOSFET

Benefits
• Ultra-Low Gate Impedance
• Very Low RDS(on)
• Fully Characterized Avalanche Voltage and Current

Applications
• High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
• High Frequency Buck Converters for Computer Processor Power




Similar Part No. - IRF7471

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7471PBF IRF-IRF7471PBF Datasheet
124Kb / 8P
HEXFET짰Power MOSFET
logo
VBsemi Electronics Co.,...
IRF7471TRPBF VBSEMI-IRF7471TRPBF Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRF7471TRPBF-TP TECHPUBLIC-IRF7471TRPBF-TP Datasheet
1Mb / 5P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - IRF7471

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1404 IRF-IRF1404 Datasheet
107Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1404S IRF-IRF1404S Datasheet
306Kb / 10P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=162A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRF7470 IRF-IRF7470 Datasheet
119Kb / 8P
Power MOSFET(Vdss=40V, Rds(on)max=13mohm, Id=10A)
IRFBA1404P IRF-IRFBA1404P Datasheet
115Kb / 9P
Power MOSFET(Vdss=40V, Rds(on)=3.7mohm, Id=206A)
IRFR3707 IRF-IRFR3707 Datasheet
136Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)max=13mohm, Id=61A??
IRFR4104 IRF-IRFR4104 Datasheet
182Kb / 11P
Power MOSFET(Vdss=40V, Rds(on)=5.5mohm, Id=42A)
IRLRU120N IRF-IRLRU120N Datasheet
173Kb / 10P
Power MOSFET(Vdss=100V, Rds(on)=0.185ohm, Id=10A)
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com