Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL20-2DO-R-CO Datasheet (PDF) - Turck, Inc.

BL20-2DO-R-CO Datasheet PDF - Turck, Inc.
Part # BL20-2DO-R-CO
Download  BL20-2DO-R-CO Download
File Size   253.64 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module Relay Module, 2 Complementary Contacts

BL20-2DO-R-CO Datasheet (PDF)

Go To PDF Page Download Datasheet
BL20-2DO-R-CO Datasheet PDF - Turck, Inc.

Part # BL20-2DO-R-CO
Download  BL20-2DO-R-CO Click to download

File Size   253.64 Kbytes
Page   3 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description BL20 electronic module Relay Module, 2 Complementary Contacts

BL20-2DO-R-CO Datasheet (HTML) - Turck, Inc.


BL20-2DO-R-CO Product details

■ Fieldbus and connection technology independent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 2 channels as changeover contacts

Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely independent of the type of higher level field bus
through the use of gateways.
Load limit curve
Definition: At 1000 switching cycles, a standing electric arc of > 10 ms may not occur.




Similar Part No. - BL20-2DO-R-CO

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-2DO-R-NC TURCK-BL20-2DO-R-NC Datasheet
290Kb / 2P
BL20 electronic module Relay Module, 2 × Normally Closed
2023-07-21T
BL20-2DO-R-NO TURCK-BL20-2DO-R-NO Datasheet
310Kb / 3P
BL20 electronic module Relay Module, 2 × NO
2023-07-21
More results


Similar Description - BL20-2DO-R-CO

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
858-528 WAGO-858-528 Datasheet
335Kb / 8P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts
788-390 WAGO-788-390 Datasheet
554Kb / 9P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts
788-346 WAGO-788-346 Datasheet
571Kb / 9P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
788-311 WAGO-788-311 Datasheet
284Kb / 10P
Relay module; Nominal input voltage: 12 VDC; 2 changeover contacts
789-312 WAGO-789-312 Datasheet
268Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
788-616 WAGO-788-616 Datasheet
512Kb / 11P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts;
788-549 WAGO-788-549 Datasheet
560Kb / 9P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts;
788-512 WAGO-788-512 Datasheet
291Kb / 11P
Relay module; Nominal input voltage: 24 VAC; 2 changeover contacts;
788-412 WAGO-788-412 Datasheet
480Kb / 10P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
789-1346 WAGO-789-1346 Datasheet
376Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com