Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL20-2DO-R-CO Datasheet(PDF) 1 Page - Turck, Inc.

Part # BL20-2DO-R-CO
Description  BL20 electronic module Relay Module, 2 Complementary Contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.

BL20-2DO-R-CO Datasheet(HTML) 1 Page - Turck, Inc.

  BL20-2DO-R-CO Datasheet HTML 1Page - Turck, Inc. BL20-2DO-R-CO Datasheet HTML 2Page - Turck, Inc. BL20-2DO-R-CO Datasheet HTML 3Page - Turck, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hans Turck GmbH & Co.KG ñ D-45472 Mülheim an der Ruhr ñ Witzlebenstraße 7 ñ Tel. 0208 4952-0 ñ Fax 0208 4952-264 ñ more@turck.com ñ www.turck.com1 / 3
BL20 electronic module
Relay Module, 2 Complementary Contacts
BL20-2DO-R-CO
Type
BL20-2DO-R-CO
ID
6827030
Number of channels
2, complementary contacts, galvanically isolated
Rated voltage from the supply terminal
24 VDC
Nominal current from field supply
ð
20 mA
Nominal current from module bus
ð
28 mA
Power dissipation, typical
ð
1 W
Output connectivity
Screw, tension spring
Outputs
Load type
resistive, inductive, lamp load
Rated load voltage
230/30 VAC/DC
Simultaneity factor
1
Useful lifetime at 230 VAC, 5 A
100000
Useful lifetime at 230 VAC, 0.5 A
1000000
Output current with DC voltage (resistive)
see load limit curve
Electrical isolation
electronics for the field level
Dimensions (W x L x H)
12.6 x 74.1 x 55.4 mm
Approvals
CE, cULus, zone 2, Class I, Div. 2
Ambient temperature
0…+55 °C
Storage temperature
-25…+85 °C
Relative humidity
15…95 %, no condensation allowed
Vibration test
Acc. to EN 61131
Shock test
Acc. to IEC 60068-2-27
Drop and topple
acc. to IEC 68-2-31 and free fall to IEC 68-2-32
Electromagnetic compatibility
Acc. to EN 50082-2
Protection class
IP20
MTTF
1517 years acc. to SN 29500 (Ed. 99) 20 °C
■ Fieldbus and connection technology inde-
pendent
■ Protection class IP20
■ LEDs indicate status and diagnostic
■ Electronics galvanically separated from the
field level via optocouplers
■ 2 channels as changeover contacts
Functional principle
BL20 electronic modules are plugged into the
purely passive base modules which are used
for connection of field devices. Maintenance is
significantly facilitated due to separation of the
connection level from the module electronics.
Furthermore flexibility is enhanced because
the base modules provide a choice of tension
spring or screw connection technology.
The electronic modules are completely inde-
pendent of the type of higher level field bus
through the use of gateways.
Load limit curve
Definition: At 1000 switching cycles, a stand-
ing electric arc of > 10 ms may not occur.


Similar Part No. - BL20-2DO-R-CO

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
BL20-2DO-R-NC TURCK-BL20-2DO-R-NC Datasheet
290Kb / 2P
BL20 electronic module Relay Module, 2 × Normally Closed
2023-07-21T
BL20-2DO-R-NO TURCK-BL20-2DO-R-NO Datasheet
310Kb / 3P
BL20 electronic module Relay Module, 2 × NO
2023-07-21
More results

Similar Description - BL20-2DO-R-CO

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
858-528 WAGO-858-528 Datasheet
335Kb / 8P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts
788-390 WAGO-788-390 Datasheet
554Kb / 9P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts
788-346 WAGO-788-346 Datasheet
571Kb / 9P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
788-311 WAGO-788-311 Datasheet
284Kb / 10P
Relay module; Nominal input voltage: 12 VDC; 2 changeover contacts
789-312 WAGO-789-312 Datasheet
268Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
788-616 WAGO-788-616 Datasheet
512Kb / 11P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts;
788-549 WAGO-788-549 Datasheet
560Kb / 9P
Relay module; Nominal input voltage: 230 VAC; 2 changeover contacts;
788-512 WAGO-788-512 Datasheet
291Kb / 11P
Relay module; Nominal input voltage: 24 VAC; 2 changeover contacts;
788-412 WAGO-788-412 Datasheet
480Kb / 10P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
789-1346 WAGO-789-1346 Datasheet
376Kb / 7P
Relay module; Nominal input voltage: 24 VDC; 2 changeover contacts;
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com