Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1400901 Datasheet (PDF) - PHOENIX CONTACT

1400901 Datasheet PDF - PHOENIX CONTACT
Part # 1400901
Download  1400901 Download
File Size   641.71 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-BI SCO/.../... - Sensor/actuator cable

1400901 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400901 Datasheet PDF - PHOENIX CONTACT

Part # 1400901
Download  1400901 Click to download

File Size   641.71 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-MR-BI SCO/.../... - Sensor/actuator cable

1400901 Datasheet (HTML) - PHOENIX CONTACT


1400901 Product details

Sensor/actuator cable, 3-position, Plug angled M12 SPEEDCON, coding: A, on Valve connector
BI (11 mm), Wiring: unwired, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Save time, thanks to installation with SPEEDCON fast locking system
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400901

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400900 PHOENIX-1400900 Datasheet
635Kb / 24P
SAC-3P-MS-BI SCO/.../... - Sensor/actuator cable
1400902 PHOENIX-1400902 Datasheet
580Kb / 24P
SAC-3P-BI/.../... - Sensor/actuator cable
1400903 PHOENIX-1400903 Datasheet
636Kb / 24P
SAC-3P-MS-B SCO/.../... - Sensor/actuator cable
1400905 PHOENIX-1400905 Datasheet
646Kb / 25P
SAC-3P-MR-B SCO/.../... - Sensor/actuator cable
1400909 PHOENIX-1400909 Datasheet
581Kb / 24P
SAC-3P-B/.../... - Sensor/actuator cable
More results


Similar Description - 1400901

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1434934 PHOENIX-1434934 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/A-1L-Z SCO
1434950 PHOENIX-1434950 Datasheet
120Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/A-1L-Z SCO
1435182 PHOENIX-1435182 Datasheet
118Kb / 8P
Sensor/Actuator cable - SAC-3P-MR/ 0,3-PUR/BI-1L-Z SCO
1435195 PHOENIX-1435195 Datasheet
118Kb / 8P
Sensor/Actuator cable - SAC-3P-MR/ 0,6-PUR/BI-1L-Z SCO
1435205 PHOENIX-1435205 Datasheet
118Kb / 8P
Sensor/Actuator cable - SAC-3P-MR/ 1,5-PUR/BI-1L-Z SCO
1435218 PHOENIX-1435218 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/BI-1L-Z SCO
1438888 PHOENIX-1438888 Datasheet
55Kb / 2P
Sensor/actuator cable - SAC-3P-MR/2,5-PUR/BI-1L-Z SCO
1438914 PHOENIX-1438914 Datasheet
46Kb / 2P
Sensor/Actuator cable - SAC-3P-MR/10,0-PUR/BI-1L-Z SCO
1537857 PHOENIX-1537857 Datasheet
67Kb / 4P
Sensor/Actuator cable - SAC-3P-MR/2,5-PUR/BI-1L-S SCO
1537860 PHOENIX-1537860 Datasheet
67Kb / 4P
Sensor/Actuator cable - SAC-3P-MR/5,0-PUR/BI-1L-S SCO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com