Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1400902 Datasheet (PDF) - PHOENIX CONTACT

1400902 Datasheet PDF - PHOENIX CONTACT
Part # 1400902
Download  1400902 Download
File Size   580.43 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-BI/.../... - Sensor/actuator cable

1400902 Datasheet (PDF)

Go To PDF Page Download Datasheet
1400902 Datasheet PDF - PHOENIX CONTACT

Part # 1400902
Download  1400902 Click to download

File Size   580.43 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-BI/.../... - Sensor/actuator cable

1400902 Datasheet (HTML) - PHOENIX CONTACT


1400902 Product details

Sensor/actuator cable, 3-position, free cable end, on Valve connector BI (11 mm), Wiring:
unwired, cable length: Free input (0.2 ... 40.0 m)

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Flexible solutions - configurable materials with variable cable types and cable lengths




Similar Part No. - 1400902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400900 PHOENIX-1400900 Datasheet
635Kb / 24P
SAC-3P-MS-BI SCO/.../... - Sensor/actuator cable
1400901 PHOENIX-1400901 Datasheet
641Kb / 24P
SAC-3P-MR-BI SCO/.../... - Sensor/actuator cable
1400903 PHOENIX-1400903 Datasheet
636Kb / 24P
SAC-3P-MS-B SCO/.../... - Sensor/actuator cable
1400905 PHOENIX-1400905 Datasheet
646Kb / 25P
SAC-3P-MR-B SCO/.../... - Sensor/actuator cable
1400909 PHOENIX-1400909 Datasheet
581Kb / 24P
SAC-3P-B/.../... - Sensor/actuator cable
More results


Similar Description - 1400902

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400774 PHOENIX-1400774 Datasheet
89Kb / 4P
Sensor/Actuator cable - SAC-3P-M12MS/1,5-PUR/BI-1LZ
1404797 PHOENIX-1404797 Datasheet
113Kb / 7P
Sensor/Actuator cable - SAC-3P- 2,0-PVC/BI B-L
1415931 PHOENIX-1415931 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 1,5-PVC/BI-1L-V
1415932 PHOENIX-1415932 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 3,0-PVC/BI-1L-V
1415933 PHOENIX-1415933 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P- 5,0-PVC/BI-1L-V
1415934 PHOENIX-1415934 Datasheet
82Kb / 4P
Sensor/Actuator cable - SAC-3P-10,0-PVC/BI-1L-V
1435234 PHOENIX-1435234 Datasheet
94Kb / 5P
Sensor/Actuator cable - SAC-3P- 1,5-PUR/BI-1L-Z
1438862 PHOENIX-1438862 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI
1439065 PHOENIX-1439065 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P- 5,0-PUR/BI
1544882 PHOENIX-1544882 Datasheet
41Kb / 2P
Sensor/Actuator cable - SAC-3P-M12MR/BI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com