Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC08AB16AD Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC08AB16AD Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC08AB16AD
Download  MC68HC08AB16AD Download
File Size   4019.39 Kbytes
Page   380 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC08AB16AD Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC08AB16AD Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC08AB16AD
Download  MC68HC08AB16AD Click to download

File Size   4019.39 Kbytes
Page   380 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC08AB16AD Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC08AB16AD Product details

Introduction
The MC68HC08AB16A is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs) with embedded EEPROM for user data storage. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features of the MC68HC08AB16A include the following:
• High-performance M68HC08 architecture
• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families
• Memory map and pin functions compatible with MC68HC08AB16
• 8-MHz internal bus frequency
• 16K-bytes user ROM memory with security1 feature
• 512 bytes of on-chip EEPROM with security feature
• 512 byte of on-chip RAM
• Clock generator module (CGM)
• Two 16-bit, 4-channel timer interface modules (TIMA and TIMB) with selectable input capture, output compare, and PWM capability on each channel
• Programmable interrupt timer (PIT)
• Serial peripheral interface module (SPI)
• Serial communications interface module (SCI)
• 8-channel. 8-bit analog-to-digital converter (ADC)
• Low-power design (fully static with stop and wait modes)
• Master reset pin and power-on reset
• 51 general-purpose input/output (I/O) pins:
   – 30 shared-function I/O pins
   – 5-bit keyboard wakeup port
   – Selectable pullups on inputs on port D and port F
• System protection features
   – Optional computer operating properly (COP) reset
   – Low-voltage detection with optional reset
   – Illegal opcode detection with optional reset
   – Illegal address detection with optional reset
• 64-pin quad flat pack (QFP)

Features of the CPU08 include the following:
• Enhanced HC05 programming model
• Extensive loop control functions
• 16 addressing modes (eight more than the HC05)
• 16-bit Index register and stack pointer
• Memory-to-memory data transfers
• Fast 8 × 8 multiply instruction
• Fast 16/8 divide instruction
• Binary-coded decimal (BCD) instructions
• Optimization for controller applications
• Efficient C language support




Similar Part No. - MC68HC08AB16AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AB16A MOTOROLA-MC68HC08AB16A Datasheet
4Mb / 380P
HCMOS Microcontroller Unit
More results


Similar Description - MC68HC08AB16AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com