Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20N06 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

20N06 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # 20N06
Download  20N06 Download
File Size   1348.2 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel Enhancement Mode Power MOSFET

20N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
20N06 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # 20N06
Download  20N06 Click to download

File Size   1348.2 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel Enhancement Mode Power MOSFET

20N06 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


20N06 Product details

General Description
The 20N06 uses advanced trench technology and design to
provide excellent RDS(ON) with low gate charge. It can be
used in a wide variety of applications.

Features
VDS = 60V,ID =20A
RDS(ON),23mΩ(Typ) @ VGS =10V
RDS(ON),29mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired

Application
Load Switch
PWM Application
Power management




Similar Part No. - 20N06

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
20N06 ISC-20N06 Datasheet
67Kb / 2P
Fast Switching
logo
Chongqing Pingwei Enter...
20N06 CHONGQING-20N06 Datasheet
193Kb / 2P
20A mps,60 Volts N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
20N06 VBSEMI-20N06 Datasheet
897Kb / 6P
N-Channel 60-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
logo
Goford Semiconductor
20N06 GOFORD-20N06 Datasheet
681Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results


Similar Description - 20N06

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com