Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25N06 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

25N06 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # 25N06
Download  25N06 Download
File Size   735.18 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel Power Mosfet

25N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
25N06 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # 25N06
Download  25N06 Click to download

File Size   735.18 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel Power Mosfet

25N06 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


25N06 Product details

General Description
These N-channel enhancement mode power mosfets used
advanced trench technology design, provided excellent Rdson
and low gate charge. Which accords with the RoHS standard.

Features
VDS = 60V,ID =25A
RDS(ON),23 mΩ(Typ) @ VGS =10V
RDS(ON),30 mΩ(Typ) @ VGS =4.5V
Fast Switching
Low ON Resistance(Rdson≤29mΩ)
Low Gate Charge
Low Reverse transfer capacitances
100% Single Pulse avalanche energy Test

Application
Power switch circuit of adaptor and charger;
LED backlight driver;
Synchronousrectification




Similar Part No. - 25N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
25N06 UTC-25N06 Datasheet
179Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
25N06 UTC-25N06 Datasheet
186Kb / 6P
25A, 60V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
25N06 ISC-25N06 Datasheet
65Kb / 2P
Fast Switching
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
logo
Unisonic Technologies
25N06G-TA3-T UTC-25N06G-TA3-T Datasheet
179Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Similar Description - 25N06

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM60N06 TSC-TSM60N06 Datasheet
71Kb / 4P
60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
60V N-Channel Power MOSFET
TSM230N06 TSC-TSM230N06 Datasheet
771Kb / 8P
60V N-Channel Power MOSFET
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
60V N-Channel Power MOSFET
TSM340N06 TSC-TSM340N06 Datasheet
924Kb / 9P
60V N-Channel Power MOSFET
TSM900N06 TSC-TSM900N06 Datasheet
594Kb / 8P
60V N-Channel Power MOSFET
logo
ACE Technology Co., LTD...
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
logo
Guangdong Youtai Semico...
25N06 UMW-25N06 Datasheet
780Kb / 8P
60V N-Channel Power Mosfet
35N06 UMW-35N06 Datasheet
781Kb / 8P
60V N-Channel Power Mosfet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com