Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLR2905TR Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRLR2905TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRLR2905TR
Download  IRLR2905TR Download
File Size   1176.18 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel Enhancement Mode Power MOSFET

IRLR2905TR Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLR2905TR Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRLR2905TR
Download  IRLR2905TR Click to download

File Size   1176.18 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 60V N-Channel Enhancement Mode Power MOSFET

IRLR2905TR Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRLR2905TR Product details

General Description
The IRLR2905TR uses advanced trench technology
and design to provide excellent RDS(ON) with low gate
charge. It can be used in a wide variety of applications.

Features
VDS = 60V,ID =30A
RDS(ON),23mΩ(Typ) @ VGS =10V
RDS(ON),29mΩ(Typ) @ VGS =4.5V
Advanced Trench Technology
Excellent RDS(ON) and Low Gate Charge
Lead free product is acquired

Application
Load Switch
PWM Application
Power management




Similar Part No. - IRLR2905TR

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
logo
International Rectifier
IRLR2905TRLPBF IRF-IRLR2905TRLPBF Datasheet
319Kb / 11P
Advanced Process Technology
IRLR2905TRPBF IRF-IRLR2905TRPBF Datasheet
319Kb / 11P
Advanced Process Technology
logo
VBsemi Electronics Co.,...
IRLR2905TRPBF VBSEMI-IRLR2905TRPBF Datasheet
988Kb / 6P
N-Channel 6 0-V (D-S) MOSFET
More results


Similar Description - IRLR2905TR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
60V N-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
20N06 UMW-20N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
30N06 UMW-30N06 Datasheet
1Mb / 7P
60V N-Channel Enhancement Mode Power MOSFET
40N06 UMW-40N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
50N06 UMW-50N06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
IRLR2905TR UMW-IRLR2905TR Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD30NF06L UMW-STD30NF06L Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
STD35NF06 UMW-STD35NF06 Datasheet
1Mb / 6P
60V N-Channel Enhancement Mode Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com