Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705C8A Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC705C8A Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC705C8A
Download  MC68HC705C8A Download
File Size   2901.15 Kbytes
Page   222 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC705C8A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC705C8A Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC705C8A
Download  MC68HC705C8A Click to download

File Size   2901.15 Kbytes
Page   222 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC705C8A Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC705C8A Product details

General Description
Introduction
The MC68HC705C8A, an enhanced version of the MC68HC705C8, is a member of the low-cost, high-performance M68HC05 Family of 8-bit microcontroller units (MCU). The MC68HSC705C8A, introduced in Appendix A. MC68HSC705C8A, is an enhanced, high-speed version of the MC68HC705C8A. The M68HC05 Family is based on the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the family use the M68HC05 central processor unit (CPU) and are available with a variety of subsystems, memory sizes and types, and package types.

Features
Features of the MC68HC705C8A include:
• M68HC05 central processor unit (CPU)
• On-chip oscillator with crystal/ceramic resonator
• Memory-mapped input/output (I/O)
• Selectable memory configurations
• Selectable programmable and/or non-programmable computer operating properly (COP) watchdog timers
• Selectable port B external interrupt capability
• Clock monitor
• High current drive on pin C7 (PC7)
• 24 bidirectional I/O lines and 7 input-only lines
• Serial communications interface (SCI) system
• Serial peripheral interface (SPI) system
• Bootstrap capability
• Power-saving stop, wait, and data-retention modes
• Single 3.0-volt to 5.5-volt supply (2-volt data-retention mode)
• Fully static operation
• Software-programmable external interrupt sensitivity
• Bidirectional RESET pin




Similar Part No. - MC68HC705C8A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705C8A MOTOROLA-MC68HC705C8A Datasheet
2Mb / 222P
HCMOS Microcontroller Unit
MC68HC705C8A MOTOROLA-MC68HC705C8A Datasheet
2Mb / 222P
M68HC05 MICROCONTROLLERS
logo
Freescale Semiconductor...
MC68HC705C8A FREESCALE-MC68HC705C8A Datasheet
1Mb / 222P
Technical Data
MC68HC705C8AC(1)P(2) FREESCALE-MC68HC705C8AC(1)P(2) Datasheet
1Mb / 222P
Technical Data
logo
Motorola, Inc
MC68HC705C8ACB MOTOROLA-MC68HC705C8ACB Datasheet
2Mb / 222P
HCMOS Microcontroller Unit
More results


Similar Description - MC68HC705C8A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com