Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC705P6A Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC705P6A Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC705P6A
Download  MC68HC705P6A Download
File Size   536.89 Kbytes
Page   98 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC705P6A Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC705P6A Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC705P6A
Download  MC68HC705P6A Click to download

File Size   536.89 Kbytes
Page   98 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC68HC705P6A Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC705P6A Product details

 Introduction
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller. It is a low-cost combination of an M68HC05 Family microprocessor with a 4-channel, 8-bit analog-to-digital (A/D) converter, a 16-bit timer with output compare and input capture, a serial communications port (SIOP), and a computer operating properly (COP) watchdog timer. The HC05 CPU core contains 176 bytes of RAM, 4672 bytes of user EPROM, 239 bytes of bootloader ROM, and 21 input/output (I/O) pins (20 bidirectional, 1 input-only). This device is available in a 28-pin SOIC, PDIP, or windowed DIP package.

Features
• Low Cost
• HC05 Core
• 28-Pin SOIC, PDIP, or Windowed DIP Package
• 4672 Bytes of User EPROM (Including 48 Bytes of Page Zero EPROM and 16 Bytes of User Vectors)
• 239 Bytes of Bootloader ROM
• 176 Bytes of On-Chip RAM
• 4-Channel 8-Bit A/D Converter
• SIOP Serial Communications Port
• 16-Bit Timer with Output Compare and Input Capture
• 20 Bidirectional I/O Lines and 1 Input-Only line
• PC0 and PC1 High-Current Outputs
• Single-Chip, Bootloader, and Test Modes
• Power-Saving Stop, Halt, and Wait Modes
• Static EPROM Mask Option Register (MOR) Selectable Options:
   – COP Watchdog Timer Enable or Disable
   – Edge-Sensitive or Edge- and Level-Sensitive External Interrupt
   – SIOP Most Significant Bit (MSB) or Least Significant Bit (LSB) First
   – SIOP Clock Rates: OSC Divided by 8, 16, 32, or 64
   – Stop Instruction Mode, STOP or HALT
   – EPROM Security External Lockout
   – Programmable Keyscan (Pullups/Interrupts) on PA0–PA7




Similar Part No. - MC68HC705P6A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705P6A MOTOROLA-MC68HC705P6A Datasheet
1Mb / 130P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC705P6A FREESCALE-MC68HC705P6A Datasheet
457Kb / 98P
M68HC05 Microcontrollers
logo
NXP Semiconductors
MC68HC705P6A NXP-MC68HC705P6A Datasheet
1Mb / 134P
The Motorola MC68HC705P6A is an EPROM version of the MC68HC05P6 microcontroller
Rev. 1.0
logo
Motorola, Inc
MC68HC705P6ACDW MOTOROLA-MC68HC705P6ACDW Datasheet
1Mb / 130P
HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC705P6ACDW FREESCALE-MC68HC705P6ACDW Datasheet
3Mb / 134P
General Release Specification
More results


Similar Description - MC68HC705P6A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com