Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC908AP32ACFB Datasheet (PDF) - Freescale Semiconductor, Inc

MC908AP32ACFB Datasheet PDF - Freescale Semiconductor, Inc
Part # MC908AP32ACFB
Download  MC908AP32ACFB Download
File Size   1449.52 Kbytes
Page   316 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC908AP32ACFB Datasheet (PDF)

Go To PDF Page Download Datasheet
MC908AP32ACFB Datasheet PDF - Freescale Semiconductor, Inc

Part # MC908AP32ACFB
Download  MC908AP32ACFB Click to download

File Size   1449.52 Kbytes
Page   316 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Microcontrollers

MC908AP32ACFB Datasheet (HTML) - Freescale Semiconductor, Inc


MC908AP32ACFB Product details

General Description

Introduction

The MC68HC908AP64A is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.



Features

Features of the MC68HC908AP64A include the following:

• High-performance M68HC08 architecture

• Fully upward-compatible object code with M6805, M146805, and M68HC05 Families

• Maximum internal bus frequency:

   – 8-MHz at 5V operating voltage

• Clock input options:

   – RC-oscillator

   – 1- to 8-MHz crystal-oscillator with 32MHz internal PLL

• User program FLASH memory with security(1) feature

   – 62,368 bytes for MC68HC908AP64A

   – 32,768 bytes for MC68HC908AP32A

   – 16,384 bytes for MC68HC908AP16A

   – 8,192 bytes for MC68HC908AP8A

• On-chip RAM

   – 2,048 bytes for MC68HC908AP64A and MC68HC908AP32A

   – 1,024 bytes for MC68HC908AP16A and MC68HC908AP8A

• Two 16-bit, 2-channel timer interface modules (TIM1 and TIM2) with selectable input capture, output compare, and PWM capability on each channel

• Timebase module

• Serial communications interface module 1 (SCI)

• Serial communications interface module 2 (SCI) with infrared (IR) encoder/decoder

• Serial peripheral interface module (SPI)

• System management bus (SMBus), version 1.0/1.1 (multi-master IIC bus)

• 8-channel, 10-bit analog-to-digital converter (ADC)

• IRQ1 external interrupt pin with integrated pullup

• IRQ2 external interrupt pin with programmable pullup

• 8-bit keyboard wakeup port with integrated pullup

• 32 general-purpose input/output (I/O) pins:

   – 31 shared-function I/O pins

   – 8 LED drivers (sink)

   – 6 × 25mA open-drain I/O with pullup

• Low-power design (fully static with stop and wait modes)

• Master reset pin (with integrated pullup) and power-on reset

• System protection features

   – Optional computer operating properly (COP) reset, driven by internal RC oscillator

   – Low-voltage detection with optional reset or interrupt

   – Illegal opcode detection with reset

   – Illegal address detection with reset

• 48-pin low quad flat pack (LQFP), 44-pin quad flat pack (QFP), and 42-pin shrink dual-in-line package (SDIP)

• Specific features of the MC68HC908AP64A in 42-pin SDIP are:

   – 30 general-purpose l/Os only

   – External interrupt on IRQ1 only



Features of the CPU08 include the following:

• Enhanced HC05 programming model

• Extensive loop control functions

• 16 addressing modes (eight more than the HC05)

• 16-bit Index register and stack pointer

• Memory-to-memory data transfers

• Fast 8 × 8 multiply instruction

• Fast 16/8 divide instruction

• Binary-coded decimal (BCD) instructions

• Optimization for controller applications

• Efficient C language support



 




Similar Part No. - MC908AP32ACFB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC908AP32ACFB FREESCALE-MC908AP32ACFB Datasheet
1Mb / 316P
M68HC08 Microcontrollers
More results


Similar Description - MC908AP32ACFB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com