Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULN2803 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

ULN2803 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # ULN2803
Download  ULN2803 Download
File Size   526.23 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description DARLINGTON ARRAY DRIVER IC

ULN2803 Datasheet (PDF)

Go To PDF Page Download Datasheet
ULN2803 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # ULN2803
Download  ULN2803 Click to download

File Size   526.23 Kbytes
Page   6 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description DARLINGTON ARRAY DRIVER IC

ULN2803 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


ULN2803 Product details

DESCRIPTION
The ULN2803 is high-voltage, high-current darlington driver IC
composed of 8 NPN darlington pairs. All units share the emitter in
common, and each unit adopts open-collector output. A 2.7KΩ resistor is
connected to each darlington pair in serial, which is compatible with TTL
and 5V CMOS for data processing without logic buffer.
Sink current of ULN2803 is up to 500mA, when it is off state, the
withstand voltage is 50V and the output can runs with high load current,
which provides solutions for various interface.

FEATURES
Wide operating voltage range
8-ch high-gain darlington array
High output voltage (up to 50V)
High output current (up to 500mA)
Able to connect to TTL, CMOS, PMOS directly
Clamp diodes for switching inductive loads

APPLICATIONS
Relay driver
DC lamp driver
Step motor driver
Magnet valve
DC brushless motor driver




Similar Part No. - ULN2803

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ULN2803 ONSEMI-ULN2803 Datasheet
85Kb / 6P
OCTAL PERIPHERAL DRIVER ARRAYS
REV 1
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
EIGHT DARLINGTON ARRAYS
logo
First Components Intern...
ULN2803 FCI-ULN2803 Datasheet
235Kb / 5P
High-Voltage,High-Current Darlington Arrays
logo
Tiger Electronic Co.,Lt...
ULN2803 TGS-ULN2803 Datasheet
689Kb / 6P
Octal High Voltage,High Current Darlington Transistor Arrays
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
More results


Similar Description - ULN2803

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
Integrated Circuit 7-Channel Darlington Array/Driver
NTE2016 NTE-NTE2016 Datasheet
24Kb / 3P
Integrated Circuit 8-Channel Darlington Array/Driver
logo
Texas Instruments
ULQ2003A TI-ULQ2003A Datasheet
143Kb / 9P
DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1287 SANYO-LB1287 Datasheet
76Kb / 3P
Darlington Transistor Array
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
Eight Darlington array
19-Mar-2007
logo
Supertex, Inc
HV9980 SUTEX-HV9980 Datasheet
1Mb / 10P
3-Channel LED Array Driver IC
logo
STMicroelectronics
ULN2004A STMICROELECTRONICS-ULN2004A Datasheet
930Kb / 16P
Seven Darlington array
01-Jun-2012
logo
Guangdong Youtai Semico...
ULN2003A UMW-ULN2003A Datasheet
416Kb / 6P
Darlington array power driver integrated circuit
ULN2803 UMW-ULN2803 Datasheet
289Kb / 6P
Darlington array power driver integrated circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com