Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9980 Datasheet (PDF) - Supertex, Inc

HV9980 Datasheet PDF - Supertex, Inc
Part # HV9980
Download  HV9980 Download
File Size   1231.74 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 3-Channel LED Array Driver IC

HV9980 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9980 Datasheet PDF - Supertex, Inc

Part # HV9980
Download  HV9980 Click to download

File Size   1231.74 Kbytes
Page   10 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description 3-Channel LED Array Driver IC

HV9980 Datasheet (HTML) - Supertex, Inc


HV9980 Product details

General Description
The HV9980 is a fully integrated 3-channel peak-current PWM controller for driving buck converters in constant output current mode. It is optimized for use with a large array of 20~80mA LED strings, where multiple HV9980 ICs are used sharing a common clock and a common reference voltage.

Features
► Integrated 200V, 25Ω (typ.) MOSFETs
► Programmable output current to 80mA per channel
► TTL compatible PWM dimming inputs
► 3-Phase synchronous operation
► Leading edge blanking
► Short circuit protection with skip mode
► Over-temperature protection

Applications
► LCD panel backlighting
► DLP RPTV or projector LED engine driver
► RGB decorative lighting
► General LED lighting




Similar Part No. - HV9980

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982 MICROCHIP-HV9982 Datasheet
1Mb / 20P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
January 2026
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
More results


Similar Description - HV9980

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
3-Channel LED Driver
logo
SHENZHEN FUMAN ELECTRON...
SC6803Q FUMAN-SC6803Q Datasheet
245Kb / 9P
LED driver IC
logo
Princeton Technology Co...
PT6967 PTC-PT6967 Datasheet
1Mb / 6P
LED Driver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com