Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9982 Datasheet (PDF) - Supertex, Inc

HV9982 Datasheet PDF - Supertex, Inc
Part # HV9982
Download  HV9982 Download
File Size   884.76 Kbytes
Page   13 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Three-Channel, Closed-Loop, Switch Mode LED Driver IC

HV9982 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9982 Datasheet PDF - Supertex, Inc

Part # HV9982
Download  HV9982 Click to download

File Size   884.76 Kbytes
Page   13 Pages
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc
Description Three-Channel, Closed-Loop, Switch Mode LED Driver IC

HV9982 Datasheet (HTML) - Supertex, Inc


HV9982 Product details

General Description

The HV9982 is a three-channel, closed loop, peak current mode PWM controller for driving a constant output current. It can be used for driving either RGB LEDs or multiple channels of white LEDs.



Features

Switch mode controller for single-switch converters

Closed loop control of output current

    ♦ Buck

    ♦ Boost

    ♦ SEPIC

High PWM dimming ratio

Internal 40V linear regulator

Constant frequency operation

Programmable slope compensation

Linear and PWM dimming

+0.2A/-0.4A gate drives for the switching FETs

Output short circuit protection

Output over voltage protection

Hiccup mode protection

Analog control of PWM dimming



Applications

RGB backlight applications

Multiple string white LED driver applications

 




Similar Part No. - HV9982

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982 MICROCHIP-HV9982 Datasheet
1Mb / 20P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
January 2026
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
1Mb / 20P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
January 2026
HV9982K6-G-M935 MICROCHIP-HV9982K6-G-M935 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
More results


Similar Description - HV9982

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Supertex, Inc
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
HV9963 SUTEX-HV9963 Datasheet
725Kb / 12P
Closed Loop LED Driver with Enhanced PWM Dimming
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
Switch-Mode High-Brightness LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM5182S HMSEMI-HM5182S Datasheet
793Kb / 7P
Self-locking switch three-function flashlight LED driver IC
HM5104BH HMSEMI-HM5104BH Datasheet
979Kb / 7P
Self-locking switch three-function flashlight LED driver IC
HM5182H HMSEMI-HM5182H Datasheet
992Kb / 7P
Self-locking switch three-function flashlight LED driver IC
HM5182 HMSEMI-HM5182 Datasheet
1,004Kb / 7P
Self-locking switch three-function flashlight LED driver IC
logo
Bright Power Semiconduc...
BP3266A BPS-BP3266A Datasheet
245Kb / 2P
Boost closed-loop thyristor dimming LED driver chip
Rev.1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com