Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9982 Datasheet (PDF) - Microchip Technology

HV9982 Datasheet PDF - Microchip Technology
Part # HV9982
Download  HV9982 Download
File Size   1813.97 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Three-Channel, Closed-Loop, Switch Mode LED Drive IC

HV9982 Datasheet (PDF)

Go To PDF Page Download Datasheet
HV9982 Datasheet PDF - Microchip Technology

Part # HV9982
Download  HV9982 Click to download

File Size   1813.97 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Three-Channel, Closed-Loop, Switch Mode LED Drive IC

HV9982 Datasheet (HTML) - Microchip Technology


HV9982 Product details

Features
• Switch mode controller for single-switch converters
• Closed loop control of output current
- Buck
- Boost
- SEPIC
• High PWM dimming ratio
• Internal 40V linear regulator
• Constant frequency operation
• Programmable slope compensation
• Linear and PWM dimming
• +0.2A/-0.4A gate drives for the switching FETs
• Output short circuit protection
• Output over voltage protection
• Hiccup-mode protection
• Analog control of PWM dimming

Applications
• RGB backlight applications
• Multiple string, white-LED driver applications

Description
HV9982 is a three-channel, closed loop, peak-current
mode PWM controller designed to drive a constant output
current. It can be used for driving either RGB LEDs
or multiple channels of white LEDs.
HV9982 includes a 40V linear regulator which provides
an 8.0V supply to power the IC. The switching frequencies
of the three converters are controlled by an external
clock signal. The channels operate at a switching
frequency of 1/12th of the external clock frequency and
are positioned 120° out-of-phase to reduce the input
current ripple. Each converter is driven by a peak current
mode controller with output current feedback.
The three output currents can be individually dimmed
using either linear or PWM dimming. The IC also
includes three disconnect FET drivers, which enable
high PWM-dimming ratios and also help to disconnect
the input in case of an output short-circuit condition.
HV9982 includes a Hiccup-mode protection for both
open LED and short-circuit condition with automatic
recovery when the fault clears.




Similar Part No. - HV9982

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982K6-G MICROCHIP-HV9982K6-G Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
HV9982K6-G-M935 MICROCHIP-HV9982K6-G-M935 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
More results


Similar Description - HV9982

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA2085A ETC-TDA2085A Datasheet
1,000Kb / 11P
CLOSED LOOP CONTROL
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Supertex, Inc
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Shenzhen Putianhe Techn...
TM1803 PTH-TM1803 Datasheet
596Kb / 11P
Three channel LED drive control special circuit
TM1821 PTH-TM1821 Datasheet
186Kb / 3P
4 channel LED drive control IC
TM1822 PTH-TM1822 Datasheet
179Kb / 3P
8 channel LED drive control IC
TM1823 PTH-TM1823 Datasheet
315Kb / 8P
16 - channel LED drive control IC
TM1831 PTH-TM1831 Datasheet
196Kb / 7P
6 channel LED drive IC
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com