Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68HC912D60 Datasheet (PDF) - Freescale Semiconductor, Inc

MC68HC912D60 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC68HC912D60
Download  MC68HC912D60 Download
File Size   2998.75 Kbytes
Page   432 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC12 Microcontrollers

MC68HC912D60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC68HC912D60 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC68HC912D60
Download  MC68HC912D60 Click to download

File Size   2998.75 Kbytes
Page   432 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description M68HC12 Microcontrollers

MC68HC912D60 Datasheet (HTML) - Freescale Semiconductor, Inc


MC68HC912D60 Product details

Introduction

The 68HC(9)12D60 microcontroller unit (MCU) is a 16-bit device available in two package options, 80-pin QFP and 112-pin TQFP. On chip peripherals include a 16-bit central processing unit (CPU12), 60K bytes of flash EEPROM (68HC912D60) or ROM (68HC12D60), 2K bytes of RAM, 1K bytes of EEPROM, two asynchronous serial communication interfaces (SCI), a serial peripheral interface (SPI), an enhanced capture timer (ECT), two (one on 80QFP) 8-channel,10-bit analog-to-digital converters (ATD), a four-channel pulse-width modulator (PWM), and a CAN 2.0 A, B software compatible module (MSCAN12). System resource mapping, clock generation, interrupt control and bus interfacing are managed by the lite integration module (LIM). The 68HC(9)12D60 has full 16-bit data paths throughout, however, the external bus can operate in an 8-bit narrow mode so single 8-bit wide memory can be interfaced for lower cost systems. The inclusion of a PLL circuit allows power consumption and performance to be adjusted to suit operational requirements. In addition to the I/O ports available in each module, 16 (2 on 80QFP) I/O port pins are available with Key-Wake-Up capability from STOP or WAIT mode.



Features

• 16-bit CPU12

   – Upward compatible with M68HC11 instruction set

   – Interrupt stacking and programmer’s model identical to M68HC11

   – 20-bit ALU

   – Instruction queue

   – Enhanced indexed addressing

• Multiplexed bus

   – Single chip or expanded

   – 16 address/16 data wide or 16 address/8 data narrow mode

• Two 8-bit ports with key wake-up interrupt (2 pins only are available on 80QFP) and one I2C start bit detector (112TQFP only)

• Memory

   – 60K byte flash EEPROM, made of a 28K module and a 32K module with 8K bytes protected BOOT section in each module (68HC912D60)

   – 60K byte ROM (68HC12D60)

   – 1K byte EEPROM

   – 2K byte RAM

• Analog-to-digital converters

   – 2 x 8-channels, 10-bit resolution in 112TQFP

   – 1 x 8-channels, 8-bit resolution in 80QFP

• 1M bit per second, CAN 2.0 A, B software compatible module

   – Two receive and three transmit buffers

   – Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit

   – Four separate interrupt channels for Rx, Tx, error and wake-up

   – Low-pass filter wake-up function

   – In 80QFP, only TxCAN and RxCAN pins are available

   – Loop-back for self test operation

   – Programmable link to a timer input capture channel, for time stamping and network synchronization.

• Enhanced capture timer (ECT)

   – 16-bit main counter with 7-bit prescaler

   – 8 programmable input capture or output compare channels; 4 of the 8 input captures with buffer

   – Input capture filters and buffers, three successive captures on four channels, or two captures on four channels with a capture/compare selectable on the remaining four

   – Four 8-bit or two 16-bit pulse accumulators

   – 16-bit modulus down-counter with 4-bit prescaler

   – Four user-selectable delay counters for signal filtering

• 4 PWM channels with programmable period and duty cycle

   – 8-bit 4-channel or 16-bit 2-channel

   – Separate control for each pulse width and duty cycle

   – Center- or left-aligned outputs

   – Programmable clock select logic with a wide range of frequencies

• Serial interfaces

   – Two asynchronous serial communications interfaces (SCI)

   – MI-Bus implemented on final devices

   – Synchronous serial peripheral interface (SPI)

• LIM (light integration module)

   – WCR (windowed COP watchdog, real time interrupt, clock monitor)

   – ROC (reset and clocks)

   – MEBI (multiplexed external bus interface)

   – MBI (internal bus interface and map)

   – INT (interrupt control)

• Clock generation

   – Phase-locked loop clock frequency multiplier

   – Limp home mode in absence of external clock

   – Slow mode divider

   – Low power 0.5 to 16 MHz crystal oscillator reference clock

• 112-Pin TQFP package or 80-pin QFP package

   – Up to 68 general-purpose I/O lines, plus up to 18 input-only lines in 112TQFP or Up to 48 general-purpose I/O lines, plus up to 10 input-only lines in 80QFP

• 8MHz operation at 5V

• Development support

   – Single-wire background debug™ mode (BDM)

   – On-chip hardware breakpoints



 




Similar Part No. - MC68HC912D60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC912D60A MOTOROLA-MC68HC912D60A Datasheet
3Mb / 460P
Microcontrollers
logo
Freescale Semiconductor...
MC68HC912D60A FREESCALE-MC68HC912D60A Datasheet
3Mb / 460P
HC12 Microcontrollers
MC68Hc912D60A FREESCALE-MC68Hc912D60A Datasheet
2Mb / 460P
MC68Hc912D60A MC68HC912D60C MC68HC912D60P Technical Data
MC68Hc912D60A FREESCALE-MC68Hc912D60A Datasheet
2Mb / 460P
MC68HC912D60A MC68HC912D60C MC68HC912D60P Technical Data
MC68HC912D60A FREESCALE-MC68HC912D60A Datasheet
2Mb / 460P
Technical Data
More results


Similar Description - MC68HC912D60

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
2Mb / 230P
Microcontrollers
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
AN2104 FREESCALE-AN2104 Datasheet
508Kb / 20P
Using Background Debug Mode for the M68HC12 Family
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC912DG128 FREESCALE-MC68HC912DG128 Datasheet
3Mb / 452P
M68HC12 Microcontrollers
logo
NXP Semiconductors
MC68HC12D60 NXP-MC68HC12D60 Datasheet
4Mb / 432P
M68HC12 Microcontrollers
Rev. 4, 11/2003
MC68HC912DT128A NXP-MC68HC912DT128A Datasheet
4Mb / 478P
M68HC12 Microcontrollers
Rev. 4, 10/2003
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com