Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO4606 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AO4606 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AO4606
Download  AO4606 Download
File Size   1723.72 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V NP-Channel Enhancement Mode MOSFET

AO4606 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO4606 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AO4606
Download  AO4606 Click to download

File Size   1723.72 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V NP-Channel Enhancement Mode MOSFET

AO4606 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AO4606 Product details

Description
The AO4406 uses advanced trench technology
to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection or in other Switching application.

General Features VDS = 30V ID =6 A
RDS(ON) < 28mΩ @ VGS=10V
VDS = -30V ID =-7.6 A
RDS(ON) < 32mΩ @ VGS=10V
RDS(ON) < 42mΩ @ VGS=4.5 V
RDS(ON) < 40mΩ @ VGS=4.5V




Similar Part No. - AO4606

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4606 AOSMD-AO4606 Datasheet
687Kb / 9P
Complementary Enhancement Mode Field Effect Transistor
AO4606 AOSMD-AO4606 Datasheet
551Kb / 9P
30V Complementary MOSFET
logo
Guangdong Kexin Industr...
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
AO4606 VBSEMI-AO4606 Datasheet
1Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4606 DOINGTER-AO4606 Datasheet
2Mb / 8P
P-Chanel and N-Channel MOSFET use advanced trench technology
More results


Similar Description - AO4606

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
YFW3G03LI YFWDIODE-YFW3G03LI Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW6G03S YFWDIODE-YFW6G03S Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW8G03ES YFWDIODE-YFW8G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03ES YFWDIODE-YFW15G03ES Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW15G03NF YFWDIODE-YFW15G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW20G03NF YFWDIODE-YFW20G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW25G03GD YFWDIODE-YFW25G03GD Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW40G03NF YFWDIODE-YFW40G03NF Datasheet
1Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80G03NF YFWDIODE-YFW80G03NF Datasheet
2Mb / 8P
30V NP-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
logo
Guangdong Youtai Semico...
AO4606 UMW-AO4606 Datasheet
2Mb / 8P
30V NP-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com