Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOD4132 Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

AOD4132 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # AOD4132
Download  AOD4132 Download
File Size   314.95 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel MOSFET

AOD4132 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOD4132 Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # AOD4132
Download  AOD4132 Click to download

File Size   314.95 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel MOSFET

AOD4132 Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


AOD4132 Product details

Description
The AOD4132 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. This device is ideally suited for use
as a low side switch in CPU core power conversion.

Features
VDS (V) = 30V
ID = 85A (VGS = 10V)
RDS(ON) < 4mW (VGS = 10V)
RDS(ON) < 6mW (VGS = 4.5V)




Similar Part No. - AOD4132

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD4132 AOSMD-AOD4132 Datasheet
116Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
AOD4132 AOSMD-AOD4132 Datasheet
455Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
VBsemi Electronics Co.,...
AOD4132 VBSEMI-AOD4132 Datasheet
1,001Kb / 7P
N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOD4132 ISC-AOD4132 Datasheet
309Kb / 2P
isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
AOD4132 UMW-AOD4132 Datasheet
400Kb / 7P
30V N-Channel MOSFET
More results


Similar Description - AOD4132

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com