Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN308P Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FDN308P Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FDN308P
Download  FDN308P Download
File Size   331.64 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel 2.5 V (D-S) MOSFET

FDN308P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN308P Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN308P
Download  FDN308P Click to download

File Size   331.64 Kbytes
Page   5 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description P-Channel 2.5 V (D-S) MOSFET

FDN308P Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FDN308P Product details

Applications
Power management
Load switch
Battery protection

Features
VDS (V) = -20V
RDS(ON)< 100mΩ (VGS = -4.5V)
RDS(ON)< 120mΩ (VGS = -2.5V)




Similar Part No. - FDN308P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN308P FAIRCHILD-FDN308P Datasheet
96Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDN308P TECHPUBLIC-FDN308P Datasheet
1Mb / 4P
P-Channel Mosfet
logo
Guangdong Youtai Semico...
FDN308P UMW-FDN308P Datasheet
446Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
More results


Similar Description - FDN308P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2301BDS KEXIN-KI2301BDS Datasheet
50Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
29-Sep-97
SI2301BDS-T1-GE3 VISHAY-SI2301BDS-T1-GE3 Datasheet
213Kb / 9P
P-Channel 2.5 V (G-S) MOSFET
17-Oct-11
SI3441DV-T1 VISHAY-SI3441DV-T1 Datasheet
52Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
01-Apr-02
logo
Zhaoxingwei Electronics...
LSP01 ZHAOXINGWEI-LSP01 Datasheet
103Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
logo
Guangdong Youtai Semico...
FDN302P UMW-FDN302P Datasheet
309Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
FDN308P UMW-FDN308P Datasheet
446Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
FDN336 UMW-FDN336 Datasheet
399Kb / 5P
P-Channel 2.5 V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com