Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN308P Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDN308P
Description  P-Channel 2.5 V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDN308P Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDN308P Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDN308P Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDN308P Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDN308P Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDN308P Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
0
2
4
6
8
10
0123
4
-VDS, DRAIN-SOURCE VOLTAGE (V)
-4.0V
-2.0V
-2.5V
VGS = -4.5V
-3.0V
-3.5V
0.8
1
1.2
1.4
1.6
1.8
2
02468
10
-ID, DRAIN CURRENT (A)
VGS = -2.5V
-4.0V
-4.5V
-3.0V
-3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -1.5A
V
GS = -4.5V
0.06
0.1
0.14
0.18
0.22
0.26
0.3
0.34
1
234
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -0.8 A
T
A = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation
withTemperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
10
0.5
1
1.5
2
2.5
3
3.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
VDS = - 5V
125
oC
0.0001
0.001
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.
P-Channel 2.5 V (D-S) MOSFET
FDN308
Rev:2023A2
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com