Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33099CDW Datasheet (PDF) - Freescale Semiconductor, Inc

MC33099CDW Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33099CDW
Download  MC33099CDW Download
File Size   683.43 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Adaptive Alternator Voltage Regulator

MC33099CDW Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33099CDW Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33099CDW
Download  MC33099CDW Click to download

File Size   683.43 Kbytes
Page   18 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Adaptive Alternator Voltage Regulator

MC33099CDW Datasheet (HTML) - Freescale Semiconductor, Inc


MC33099CDW Product details

Adaptive Alternator Voltage Regulator

The 33099 is designed to regulate the output voltage in dioderectified alternator charging systems common to automotive applications. The 33099 provides either an analog or digital fixed frequency duty cycle (ON/OFF ratio) control of an alternator’s field current. Load Response Control (LRC) of the alternator field current is accomplished by selecting the duty cycle for prevailing engine conditions to eliminate engine speed hunting and vibrations caused by abrupt torque loading of the engine owing to sudden electrical loads being applied to the system at low engine RPM. Four LRC rates are selectable by connecting pins 7 and 8 to ground.

Features
• External High-Side MOSFET Control of a Ground-Referenced Field Winding
• LRC Active During Initial Start
• Vset at ±0.1 V @ 25°C
• <0.1 V Variation Over Engine Speeds of 2,000 to 10,000 RPM
• <0.2 V Variation Over 10% to 95% of Maximum Field Current
• Controlled MOSFET and Field Flyback Diode Recovery Characteristics for Minimum RFI
• Trimmed Devices Available at 14.6 V and 14.8 V (typical) Vset
• Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - MC33099CDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33099CDW/R2 MOTOROLA-MC33099CDW/R2 Datasheet
295Kb / 20P
Adaptive Alternator Voltage Regulator
More results


Similar Description - MC33099CDW

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
ALTERNATOR VOLTAGE REGULATOR
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com