Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33399D Datasheet (PDF) - Freescale Semiconductor, Inc

MC33399D Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33399D
Download  MC33399D Download
File Size   435.04 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Local Interconnect Network (LIN) Physical Interface

MC33399D Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33399D Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33399D
Download  MC33399D Click to download

File Size   435.04 Kbytes
Page   19 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Local Interconnect Network (LIN) Physical Interface

MC33399D Datasheet (HTML) - Freescale Semiconductor, Inc


MC33399D Product details

Local Interconnect Network (LIN) Physical Interface

Local Interconnect Network (LIN) is a serial communication protocol designed to support automotive networks in conjunction with Controller Area Network (CAN). As the lowest level of a hierarchical network, LIN enables cost-effective communication with sensors and actuators when all the features of CAN are not required.
The 33399 is a Physical Layer component dedicated to automotive sub-bus applications. It offers speed communication from 1.0 kbps to 20 kbps, and up to 60 kbps for Programming Mode. It has two operating modes: Normal and Sleep.
The 33399 supports LIN Protocol Specification 1.3.

Features
• Nominal Operation from VSUP 7.0 V to 18 V DC, Functional up to 27 V DC Battery Voltage and Capable of Handling 40 V During Load Dump
• Active Bus Waveshaping to Minimize Radiated Emission
• ±5.0 kV ESD on LIN Bus Pin, ±4.0 kV ESD on Other Pins
• 30 kΩ Internal Pullup Resistor
• Ground Shift Operation and Ground Disconnection Fail-Safe at Module Level
• An Unpowered Node Does Not Disturb the Network
• 20 µA in Sleep Mode
• Wake-Up Capability from LIN Bus, MCU Command and Dedicated High Voltage Wake-Up Input (Interface to External Switch)
• Interface to MCU with CMOS-Compatible I/O Pins
• Control of External Voltage Regulator
• Pb-FREE packaging designated by package code EF




Similar Part No. - MC33399D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33399D MOTOROLA-MC33399D Datasheet
282Kb / 9P
Automotive Local Interconnect Network Physical Interface
More results


Similar Description - MC33399D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
Automotive Local Interconnect Network Physical Interface
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
TLIN1027-Q1 TI1-TLIN1027-Q1 Datasheet
1Mb / 32P
TLIN1027-Q1 Local Interconnect Network (LIN) Transceiver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com