Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC33793DR2 Datasheet (PDF) - Freescale Semiconductor, Inc

MC33793DR2 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC33793DR2
Download  MC33793DR2 Download
File Size   747.03 Kbytes
Page   27 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Distributed System Interface (DSI) Sensor Interface

MC33793DR2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33793DR2 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC33793DR2
Download  MC33793DR2 Click to download

File Size   747.03 Kbytes
Page   27 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Distributed System Interface (DSI) Sensor Interface

MC33793DR2 Datasheet (HTML) - Freescale Semiconductor, Inc


MC33793DR2 Product details

Distributed System Interface (DSI) Sensor Interface

The 33793 is a slave Distributed System Interface (DSI) device that is optimized as a sensor interface. The device contains circuits to power sensors such as accelerometers and to digitize the analog level from the sensor. The device is controlled by commands over the DSI bus and returns measured data over the bus.

Features
• Conforms to DSI Specification Version 1
• 4-Channel, 8-Bit Analog-to-Digital Converter (ADC)
• 4 Pins Configurable as Analog or Logic Inputs or as Logic Outputs
• Provides Regulated +5.0 V Output for Sensor Power from Bus
• Additional High-Drive Logic Output
• Undervoltage Fault Detection and Signaling
• On-Board Clock (No External Elements Required)
• Field-Programmable Address
• Default and Field-Programmable as a DSI Daisy Chain Device
• Recognizes Reverse Initialization for Open Bus Fault Tolerance
• Detects Short to Battery on Bus Switch and Prevents Its Closure
• Pb-Free Packaging Designated by Suffix Code EF




Similar Part No. - MC33793DR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33793DR2 MOTOROLA-MC33793DR2 Datasheet
640Kb / 24P
Distributed System Interface (DSI) Sensor Interface
More results


Similar Description - MC33793DR2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
programmable system interface
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
Distributed System Interface (DSI) Sensor Interface
logo
Freescale Semiconductor...
33790 FREESCALE-33790 Datasheet
244Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
33784 FREESCALE-33784 Datasheet
1Mb / 30P
DSI 2.02 Sensor Interface
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
Two-Channel Distributed System Interface (DSI) Physical Interface Device
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
DSI 2.02 Sensor Interface
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
Distributed System Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com