Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33884 Datasheet (PDF) - Freescale Semiconductor, Inc

33884 Datasheet PDF - Freescale Semiconductor, Inc
Part # 33884
Download  33884 Download
File Size   635.24 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Switch Monitor Interface

33884 Datasheet (PDF)

Go To PDF Page Download Datasheet
33884 Datasheet PDF - Freescale Semiconductor, Inc

Part # 33884
Download  33884 Click to download

File Size   635.24 Kbytes
Page   21 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Switch Monitor Interface

33884 Datasheet (HTML) - Freescale Semiconductor, Inc


33884 Product details

Switch Monitor Interface

The 33884 Switch Monitor Interface is a monolithic silicon integrated circuit (IC) to perform switch monitoring functions. The device provides efficient interface between electrical switches and low voltage microprocessors. The 33884 supplies switch contact pull-up and pull down current while monitoring the input voltage level. All inputs are protected for transients when implemented with an appropriate static discharge capacitor used on the inputs.

Features
• Full Operation with 7.0 V < VPWR < 26 V, Limited Operation with 5.5 V < VPWR < 7.0 V
• Input Voltage Range: -14 V to 40 V
• Interface Directly to Microprocessors Using SPI Protocol
• Wake Up on Change of Monitored Switch Status
• Programmable Wetting Current
• Four Switch-to-Ground Switches
• Six (Fixed Function) Inputs Monitoring Six Switch-to-Ground Switches
• Two (Fixed Function) Inputs Monitoring Two Switch-to-Battery Switches
• Quiescent Current in Sleep Mode < 10 µA
• Reset Input Defaults the Device to Sleep Mode
• Pb-Free Packaging Designated by Suffix Code EG




Similar Part No. - 33884

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3388 ETC-3388 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
3388 ETC-3388 Datasheet
317Kb / 1P
Trace Live 120/220VAC Power Lines (250VAC max)
logo
Heyco.
3388 HEYCO-3388 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Adafruit Industries
3388 ADAFRUIT-3388 Datasheet
119Kb / 2P
Micro B USB Cable with LCD Voltage / Current Display
5-1-17
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Similar Description - 33884

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33884 MOTOROLA-MC33884 Datasheet
148Kb / 20P
Switch Monitor Interface
logo
Pepperl+Fuchs Inc.
VBG-CCL-K30-D-S32-EV PF-VBG-CCL-K30-D-S32-EV Datasheet
395Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-EC-K30-DMD-S32-EV PF-VBG-EC-K30-DMD-S32-EV Datasheet
369Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-ENX-K30-DMD-S16-EV PF-VBG-ENX-K30-DMD-S16-EV Datasheet
1Mb / 4P
AS-Interface Gateway/Safety Monitor
VBG-PN-K30-DMD-S32-EV PF-VBG-PN-K30-DMD-S32-EV Datasheet
380Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-PB-K30-DMD-S16-C1 PF-VBG-PB-K30-DMD-S16-C1 Datasheet
326Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-PB-K30-DMD-S16-EV PF-VBG-PB-K30-DMD-S16-EV Datasheet
1Mb / 4P
AS-Interface Gateway/Safety Monitor
VBG-ENX-K30-DMD-S16 PF-VBG-ENX-K30-DMD-S16 Datasheet
1Mb / 4P
AS-Interface Gateway/Safety Monitor
VBG-PB-K30-D-S16 PF-VBG-PB-K30-D-S16 Datasheet
323Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-PBS-K30-DMD PF-VBG-PBS-K30-DMD Datasheet
397Kb / 3P
AS-Interface Gateway/Safety Monitor
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com