Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33884 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33884
Description  Switch Monitor Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33884 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33884 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33884 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Document Number: MC33884
Rev. 4.0, 11/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Switch Monitor Interface
The 33884 Switch Monitor Interface is a monolithic silicon integrated
circuit (IC) to perform switch monitoring functions. The device provides
efficient interface between electrical switches and low voltage
microprocessors. The 33884 supplies switch contact pull-up and pull
down current while monitoring the input voltage level. All inputs are
protected for transients when implemented with an appropriate static
discharge capacitor used on the inputs.
There are four modes of operation: Sleep, Normal, Polling, and
Polling + INT Timer.
The Polling and Timer modes are similar, except the Timer mode
has the addition of an interrupt that is sent to the microprocessor if a
switch is sensed closed, or upon the internal interrupt timer times out.
An interrupt is ultimately sent to the microprocessor. All modes of
operation are easily programmed via the Serial Peripheral Interface
(SPI) control.
Features
• Full Operation with 7.0 V < VPWR < 26 V, Limited Operation with
5.5 V < VPWR < 7.0 V
• Input Voltage Range: -14 V to 40 V
• Interface Directly to Microprocessors Using SPI Protocol
• Wake Up on Change of Monitored Switch Status
• Programmable Wetting Current
• Four Switch-to-Ground Switches
• Six (Fixed Function) Inputs Monitoring Six Switch-to-Ground
Switches
• Two (Fixed Function) Inputs Monitoring Two Switch-to-Battery Switches
• Quiescent Current in Sleep Mode < 10 µA
• Reset Input Defaults the Device to Sleep Mode
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33884 Simplified Application Diagram
SWITCH MONITOR INTERFACE
DW SUFFIX
EG (PB-FREE) SUFFIX
98ASB42344B
24-PIN SOICW
33884
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33884DW/R2
-40°C to 105°C
24 SOICW
MCZ33884EG/R2
6 GND
Sense Inputs
4 GND / VPWR
Sense Inputs
2 VPWR
Sense Inputs
33884
VDD
MOSI
MISO
CLK
GND
VDD
VPWR
MCU
SG1
SG2
SG3
SG4
SG5
SG6
SP1
SP2
SP3
SP4
VDD
CS
SI
SO
SCLK
INT
SYNC
MASL
RESET
GND
VBG
SB1
SB2
VPWR
CS
INT
RESET


Similar Part No. - 33884

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3388 ETC-3388 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
3388 ETC-3388 Datasheet
317Kb / 1P
Trace Live 120/220VAC Power Lines (250VAC max)
logo
Heyco.
3388 HEYCO-3388 Datasheet
133Kb / 1P
Double D Hole Plugs
logo
Adafruit Industries
3388 ADAFRUIT-3388 Datasheet
119Kb / 2P
Micro B USB Cable with LCD Voltage / Current Display
5-1-17
logo
Freescale Semiconductor...
33880 FREESCALE-33880 Datasheet
601Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results

Similar Description - 33884

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33884 MOTOROLA-MC33884 Datasheet
148Kb / 20P
Switch Monitor Interface
logo
Pepperl+Fuchs Inc.
VBG-CCL-K30-D-S32-EV PF-VBG-CCL-K30-D-S32-EV Datasheet
395Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-EC-K30-DMD-S32-EV PF-VBG-EC-K30-DMD-S32-EV Datasheet
369Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-ENX-K30-DMD-S16-EV PF-VBG-ENX-K30-DMD-S16-EV Datasheet
1Mb / 4P
AS-Interface Gateway/Safety Monitor
VBG-PN-K30-DMD-S32-EV PF-VBG-PN-K30-DMD-S32-EV Datasheet
380Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-PB-K30-DMD-S16-C1 PF-VBG-PB-K30-DMD-S16-C1 Datasheet
326Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-PB-K30-DMD-S16-EV PF-VBG-PB-K30-DMD-S16-EV Datasheet
1Mb / 4P
AS-Interface Gateway/Safety Monitor
VBG-ENX-K30-DMD-S16 PF-VBG-ENX-K30-DMD-S16 Datasheet
1Mb / 4P
AS-Interface Gateway/Safety Monitor
VBG-PB-K30-D-S16 PF-VBG-PB-K30-D-S16 Datasheet
323Kb / 3P
AS-Interface Gateway/Safety Monitor
VBG-PBS-K30-DMD PF-VBG-PBS-K30-DMD Datasheet
397Kb / 3P
AS-Interface Gateway/Safety Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com