Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTN3310 Datasheet (PDF) - NXP Semiconductors

PTN3310 Datasheet PDF - NXP Semiconductors
Part # PTN3310
Download  PTN3310 Download
File Size   62.08 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed serial logic translators

PTN3310 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN3310 Datasheet PDF - NXP Semiconductors

Part # PTN3310
Download  PTN3310 Click to download

File Size   62.08 Kbytes
Page   7 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High-speed serial logic translators

PTN3310 Datasheet (HTML) - NXP Semiconductors


PTN3310 Product details

GENERAL DESCRIPTION
The High-Speed Serial Logic Translator provides a point solution that addresses the various interface logic requirements of Optical Transceiver Modules. The product offers a compact translation between LVDS and PECL high speed serial data lines. This provides the end users a simple way to mix or match Optical Transceiver ICs from various vendors to maximize desired performance and reduces the need to redesign interfaces to accommodate new Optical Transceiver ICs.

FEATURES
• Meets LVDS EIA-644 and PECL standards
• 2 pin-for-pin replacement input/output choices:
   – LVDS in, PECL out (PTN3310)
   – PECL in, LVDS out (PTN3311)
• Single +3.3 V supply voltage operation
• Available in 8-pin SO or TSSOP package
• Maximum throughput data rate of 800 Mbps typical

APPLICATIONS
• High-speed networking and telecom applications
   – ATM
   – SONET/SDH
   – Switches
   – Routers
   – Add-drop multiplexers




Similar Part No. - PTN3310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3310D PHILIPS-PTN3310D Datasheet
86Kb / 9P
High-speed serial logic translators
2004 Feb 24
PTN3310DP PHILIPS-PTN3310DP Datasheet
86Kb / 9P
High-speed serial logic translators
2004 Feb 24
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
High-speed serial logic translators
2004 Feb 24
More results


Similar Description - PTN3310

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Analog Devices
AD261 AD-AD261 Datasheet
183Kb / 6P
High Speed, Logic Isolator
logo
Fairchild Semiconductor
74OL6000 FAIRCHILD-74OL6000 Datasheet
617Kb / 15P
HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Maxim Integrated Produc...
MAX13030E MAXIM-MAX13030E Datasheet
329Kb / 18P
6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13101E MAXIM-MAX13101E Datasheet
167Kb / 18P
16-Channel Buffered CMOS Logic-Level Translators
Rev 3; 6/08
logo
Intersil Corporation
ISL3034E INTERSIL-ISL3034E Datasheet
506Kb / 16P
4-Channel And 6-Channel High Speed, Auto-direction Sensing Logic Level Translators
March 31, 2009
logo
NXP Semiconductors
PTN3310 PHILIPS-PTN3310_04 Datasheet
86Kb / 9P
High-speed serial logic translators
2004 Feb 24
logo
Maxim Integrated Produc...
MAX13035EETE MAXIM-MAX13035EETE Datasheet
340Kb / 18P
6-Channel High-Speed Logic-Level Translators
Rev 0; 1/07
MAX13030E MAXIM-MAX13030E_V01 Datasheet
1Mb / 19P
6-Channel High-Speed Logic-Level Translators
2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com