Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD261 Datasheet (PDF) - Analog Devices

AD261 Datasheet PDF - Analog Devices
Part # AD261
Download  AD261 Download
File Size   183.4 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Logic Isolator

AD261 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD261 Datasheet PDF - Analog Devices

Part # AD261
Download  AD261 Click to download

File Size   183.4 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Speed, Logic Isolator

AD261 Datasheet (HTML) - Analog Devices


AD261 Product details

GENERAL DESCRIPTION
The AD261 is designed to isolate five digital control signals to/from a microcontroller and its related field I/O components. Six models allow all I/O combinations from five input lines to five output lines, including combinations in between. Every AD261 effectively replaces up to five opto-isolators.
Each line of the AD261 has a bandwidth of 20 MHz (min) with a propagation delay of only 14 ns, which allows for extremely fast data transmission. Output waveform symmetry is maintained to within ±1 ns of the input so the AD261 can be used to accurately isolate time-based PWM signals.
All field or system output pins of the AD261 can be set to a high resistance three-state level by use of the two enable pins. A field output three-stated offers a convenient method of presetting logic levels at power-up by use of pull-up/down resistors. System side outputs being three-stated allows for easy multiplexing of multiple AD261s.

FEATURES
   Isolation Test Voltage: To 3.5 kV rms
   Five Isolated Logic Lines: Available in Six I/O Configurations
   Logic Signal Bandwidth: 20 MHz (min)
   CMV Transient Immunity: 10 kV/ms min
   Waveform Edge Transmission Symmetry: 61 ns
   Field and System Output Enable/Three-State Functions
   Performance Rated Over –258C to +858C
   UL1950, IEC950, EN60950 Certification (VDE, CE, Pending)
  
APPLICATIONS
   PLC/DCS Analog Input and Output Cards
   Communications Bus Isolation
   General Data Acquisition Applications
   IGBT Motor Drive Controls
   High Speed Digital I/O Ports




Similar Part No. - AD261

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD260 AD-AD260 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-0 AD-AD260AND-0 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-1 AD-AD260AND-1 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-2 AD-AD260AND-2 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-3 AD-AD260AND-3 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
More results


Similar Description - AD261

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD260 AD-AD260 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
logo
List of Unclassifed Man...
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
OPTEK Technologies
OPI1266 OPTEK-OPI1266 Datasheet
230Kb / 2P
HIGH SPEED VERY HIGH VOLTAGE ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
logo
Bedford Opto Technology...
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
High Speed Opto Isolator
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
High Speed Opto Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com