Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD261 Datasheet(PDF) 1 Page - Analog Devices

Part # AD261
Description  High Speed, Logic Isolator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD261 Datasheet(HTML) 1 Page - Analog Devices

  AD261 Datasheet HTML 1Page - Analog Devices AD261 Datasheet HTML 2Page - Analog Devices AD261 Datasheet HTML 3Page - Analog Devices AD261 Datasheet HTML 4Page - Analog Devices AD261 Datasheet HTML 5Page - Analog Devices AD261 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD261
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
High Speed, Logic Isolator
FUNCTIONAL BLOCK DIAGRAM
TYPICAL MODEL
(AD261-2)
S0
F3
SYSTEM
FIELD
+5V dc
5Vdc RTN
+5V dc
5Vdc RTN
S1
2
S2
3
S3
S4
F0
F1
F2
F4
15
16
17
6
7
8
5
THREE-
STATE
LATCH
E
D
LINE 0
+5V dcFLD
5V RTNFLD
ENABLEFLD
5V RTNSYS
+5V dcSYS
ENABLESYS
THREE-
STATE
LATCH
E
D
LINE 1
THREE-
STATE
LATCH
E
D
LINE 2
LATCH
E
D
THREE-
STATE
LINE 4
LINE 3
LATCH
E
D
THREE-
STATE
4
FEATURES
Isolation Test Voltage: To 3.5 kV rms
Five Isolated Logic Lines: Available in Six I/O Configurations
Logic Signal Bandwidth: 20 MHz (min)
CMV Transient Immunity: 10 kV/ s min
Waveform Edge Transmission Symmetry:
1 ns
Field and System Output Enable/Three-State Functions
Performance Rated Over –25 C to +85 C
UL1950, IEC950, EN60950 Certification (VDE, CE, Pending)
APPLICATIONS
PLC/DCS Analog Input and Output Cards
Communications Bus Isolation
General Data Acquisition Applications
IGBT Motor Drive Controls
High Speed Digital I/O Ports
GENERAL DESCRIPTION
The AD261 is designed to isolate five digital control signals
to/from a microcontroller and its related field I/O components.
Six models allow all I/O combinations from five input lines to
five output lines, including combinations in between. Every
AD261 effectively replaces up to five opto-isolators.
Each line of the AD261 has a bandwidth of 20 MHz (min) with
a propagation delay of only 14 ns, which allows for extremely
fast data transmission. Output waveform symmetry is maintained
to within
±1 ns of the input so the AD261 can be used to accu-
rately isolate time-based PWM signals.
All field or system output pins of the AD261 can be set to a high
resistance three-state level by use of the two enable pins. A field
output three-stated offers a convenient method of presetting
logic levels at power-up by use of pull-up/down resistors. Sys-
tem side outputs being three-stated allows for easy multiplexing
of multiple AD261s.
The isolation barrier of the AD261 B Grade is 100% tested
as high as 3.5 kV rms (system to field). The barrier design also
provides excellent common-mode transient immunity from
10 kV/
µs common-mode voltage excursions of field side termi-
nals relative to the system side, with no false output triggering
on either side.
Each output is updated within nanoseconds by input logic tran-
sitions, the AD261 also has a continuous output update feature
that automatically updates each output based on the dc level of
the input. This guarantees the output is always valid 10
µs after
a fault condition or after the power-up reset interval.
PRODUCT HIGHLIGHTS
Six Isolated Logic Line I/O Configurations Available: The
AD261 is available in six pin-compatible versions of I/O con-
figurations to meet a wide variety of requirements.
Wide Bandwidth with Minimal Edge Error: The AD261
affords extremely fast isolation of logic signals due to its 20 MHz
bandwidth and 14 ns propagation delay. It maintains a wave-
form input-to-output edge transition error of typically less than
±1 ns (total) for positive vs. negative transition.
3.5 kV rms Test Voltage Isolation Rating: The AD261
B Grade is rated to operate at 1.25 kV rms and is 100% pro-
duction tested at 3.5 kV rms, using a standard ADI test method.
High Transient Immunity: The AD261 rejects common-
mode transients slewing at up to 10 kV/
µs without false trigger-
ing or damage to the device.
(Continued on page 5)


Similar Part No. - AD261

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD260 AD-AD260 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-0 AD-AD260AND-0 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-1 AD-AD260AND-1 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-2 AD-AD260AND-2 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
AD260AND-3 AD-AD260AND-3 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
More results

Similar Description - AD261

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD260 AD-AD260 Datasheet
164Kb / 8P
High Speed, Logic Isolator with Power Transformer
logo
List of Unclassifed Man...
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
OPTEK Technologies
OPI1266 OPTEK-OPI1266 Datasheet
230Kb / 2P
HIGH SPEED VERY HIGH VOLTAGE ISOLATOR
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
High Speed Digital Isolator
logo
Bedford Opto Technology...
OPI2000 BOT-OPI2000 Datasheet
37Kb / 3P
High Speed Opto Isolator
OPI2000MK BOT-OPI2000MK Datasheet
133Kb / 2P
High Speed Opto Isolator
logo
List of Unclassifed Man...
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
High Speed Dual Digital Isolator
logo
Rohm
BM67221FV-C ROHM-BM67221FV-C Datasheet
2Mb / 28P
High Speed Digital Isolator
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
Optically Coupled Isolator / High Speed Optically Coupled Isolator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com