Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP40C Datasheet (PDF) - Won-Top Electronics

3KP40C Datasheet PDF - Won-Top Electronics
Part # 3KP40C
Download  3KP40C Download
File Size   110.3 Kbytes
Page   6 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3000W TRANSIENT VOLTAGE SUPPRESSOR

3KP40C Datasheet (PDF)

Go To PDF Page Download Datasheet
3KP40C Datasheet PDF - Won-Top Electronics

Part # 3KP40C
Download  3KP40C Click to download

File Size   110.3 Kbytes
Page   6 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3000W TRANSIENT VOLTAGE SUPPRESSOR

3KP40C Datasheet (HTML) - Won-Top Electronics


3KP40C Product details

Glass Passivated Die Construction
3000W Peak Pulse Power Dissipation
5.0V – 440V Standoff Voltage
Uni- and Bi-Directional Versions Available
Excellent Clamping Voltage
Typical Response Time < 1nS
Plastic Case Material has UL Flammability
Classification Rating 94V-0




Similar Part No. - 3KP40C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP40C PANJIT-3KP40C Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP40C SURGE-3KP40C Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP40C FORMOSA-3KP40C Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3KP40C

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
3000W Transient Voltage Suppressor
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com