Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP40C Datasheet(PDF) 2 Page - Won-Top Electronics

Part # 3KP40C
Description  3000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP40C Datasheet(HTML) 2 Page - Won-Top Electronics

  3KP40C Datasheet HTML 1Page - Won-Top Electronics 3KP40C Datasheet HTML 2Page - Won-Top Electronics 3KP40C Datasheet HTML 3Page - Won-Top Electronics 3KP40C Datasheet HTML 4Page - Won-Top Electronics 3KP40C Datasheet HTML 5Page - Won-Top Electronics 3KP40C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.wontop.com
© Won-Top Electronics Co., Ltd.
2
Revision: September, 2012
3KP SERIES
WON-TOP ELECTRONICS
®
0
TA, AMBIENT TEMPERATURE (°C)
Fig. 1 Pulse Derating Curve
15
30
45
60
75
90 105 120 135 150
0
20
40
60
80
100
NUMBER OF CYCLES AT 60Hz
Fig. 2 Forward Surge Current Derating Curve
TL, LEAD TEMPERATURE (°C)
Fig. 3 Steady State Power Derating Curve
0.1
td, PULSE WIDTH (µs)
Fig. 4 Pulse Rating Curve
1
10
100
1000
10000
0.1
1
10
100
Single Half-Sine-Wave
JEDEC Method
0
t, TIME (ms)
Fig. 5 Pulse Waveform
2
3
4
0
25
50
75
100
125
1
VBR, BREAKDOWN VOLTAGE (V)
Fig. 6 Typical Junction Capacitance
10
100
1000
10
1000
10000
100000
1
5
tr = 10µs
Peak Value IPPM
Half Value IPP/2
td
TA = 25°C
Pulse Width (td) is defined as
the point where the peak
current decays to 50% of IPPM
10/1000µs Waveform
as defined by R.E.A.
1
10
100
0
60
120
180
240
300
0
15
30
45
60
75
90 105 120 135 150
0
2
4
6
8
10
TA = 25°C
Non Repetitive
Pulse Waveform
Shown in Fig. 5
100
TJ = 25°C
f = 1MHz
Vsig = 50mVp-p
Uni-Directional
@ Zero Bias
Bi-Directional
@ Zero Bias
Uni-Directional
@ VRWM
Bi-Directional
@ VRWM
Mounted on 20 x 20 x 1.0mm
copper pads to each terminal.
Lead length = 9.5mm.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com