Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1782271 Datasheet (PDF) - PHOENIX CONTACT

1782271 Datasheet PDF - PHOENIX CONTACT
Part # 1782271
Download  1782271 Download
File Size   626.1 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,81 P20 THR - PCB header

1782271 Datasheet (PDF)

Go To PDF Page Download Datasheet
1782271 Datasheet PDF - PHOENIX CONTACT

Part # 1782271
Download  1782271 Click to download

File Size   626.1 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 5-G-3,81 P20 THR - PCB header

1782271 Datasheet (HTML) - PHOENIX CONTACT


1782271 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 5, number
of rows: 1, number of positions: 5, number of connections: 5, product range: MC 1,5/..-G-THR,
pitch: 3.81 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 2 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: packed in
cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1782271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1782200 PHOENIX-1782200 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 9-GF-3,81 P14 THRR72
1782213 PHOENIX-1782213 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/10-GF-3,81 P14THRR72
1782226 PHOENIX-1782226 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/11-GF-3,81 P14THRR72
1782239 PHOENIX-1782239 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/12-GF-3,81 P14THRR72
logo
Festo Corporation.
1782253 FESTO-1782253 Datasheet
97Kb / 2P
ISO cylinder
More results


Similar Description - 1782271

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1829085 PHOENIX-1829085 Datasheet
106Kb / 4P
Printed-circuit board connector - MC 1,5/16-G-3,81 P20 THR
1827897 PHOENIX-1827897 Datasheet
977Kb / 19P
PCB header - MC 1,5/ 5-GF-3,81
Jul 20, 2022
1788563 PHOENIX-1788563 Datasheet
790Kb / 16P
PCB header - MC 1,5/ 5-G-3,5 P26 THR
Nov 30, 2022
1707450 PHOENIX-1707450 Datasheet
563Kb / 15P
PCB header - MCV 1,5/ 5-G-3,81 P26 THR
Jan 3, 2023
1011090 PHOENIX-1011090 Datasheet
803Kb / 16P
PCB header - MC 1,5/ 5-G-3,81 P26 THRR44
Jan 10, 2023
1829124 PHOENIX-1829124 Datasheet
624Kb / 11P
PCB header - MC 1,5/20-G-3,81 P20 THR
Jan 3, 2023
1782381 PHOENIX-1782381 Datasheet
630Kb / 11P
MC 1,5/ 5-G-3,81 P14 THR - PCB header
1789423 PHOENIX-1789423 Datasheet
591Kb / 11P
MC 1,5/ 4-GF-3,5 P20 THR - PCB header
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com