Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS4435BZ Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

FDS4435BZ Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # FDS4435BZ
Download  FDS4435BZ Download
File Size   429.15 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -30V P-Channel MOSFET

FDS4435BZ Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS4435BZ Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDS4435BZ
Download  FDS4435BZ Click to download

File Size   429.15 Kbytes
Page   7 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description -30V P-Channel MOSFET

FDS4435BZ Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


FDS4435BZ Product details

General Description
This device is well suited for Power Management and load
switching applications common in Notebook Computers and
Portable Battery Packs.

Features
VDS (V) =-30V
ID = -8.8A (VGS = -10V)
RDS(ON) < 20mΩ(VGS=-10V)
RDS(ON) < 35 mΩ(VGS=-4.5V)




Similar Part No. - FDS4435BZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
94Kb / 4P
30 Volt P-Channel PowerTrench MOSFET
FDS4435BZ FAIRCHILD-FDS4435BZ Datasheet
288Kb / 6P
P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m廓
logo
ON Semiconductor
FDS4435BZ ONSEMI-FDS4435BZ Datasheet
330Kb / 8P
P-Channel PowerTrench MOSFET -30V, -8.8A, 20mΩ
April 2009 Rev.C1
FDS4435BZ-F085 ONSEMI-FDS4435BZ-F085 Datasheet
416Kb / 7P
P-Channel PowerTrench짰 MOSFET -30V, -8.8A, 20m
September-2017,Rev.1
logo
VBsemi Electronics Co.,...
FDS4435BZ-NL VBSEMI-FDS4435BZ-NL Datasheet
1,004Kb / 9P
P-Channel 30-V (D-S) MOSFET
More results


Similar Description - FDS4435BZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com