Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDS4435BZ Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # FDS4435BZ
Description  -30V P-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

FDS4435BZ Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  FDS4435BZ Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED FDS4435BZ Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical CharacteristicsT
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = -250PA, VGS = 0V
-30
V
'BVDSS
'TJ
Breakdown Voltage Temperature
Coefficient
ID = -250PA, referenced to 25°C
-21
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = -24V, VGS = 0V
1
PA
IGSS
Gate to Source Leakage Current
VGS = ±25V, VDS = 0V
±10
PA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = -250PA
-1
-2.1
-3
V
'VGS(th)
'TJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = -250PA, referenced to 25°C
6
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = -10V, ID = -8.8A
16
20
m
:
VGS = -4.5V, ID = -6.7A
26
35
gFS
Forward Transconductance
VDS = -5V, ID = -8.8A
24
S
Ciss
Input Capacitance
VDS = -15V, VGS = 0V,
f = 1MHz
1385
1845
pF
Coss
Output Capacitance
275
365
pF
Crss
Reverse Transfer Capacitance
230
345
pF
Rg
Gate Resistance
f = 1MHz
4.5
:
td(on)
Turn-On Delay Time
VDD = -15V, ID = -8.8A,
VGS = -10V, RGEN = 6:
10
20
ns
tr
Rise Time
612
ns
td(off)
Turn-Off Delay Time
30
48
ns
tf
Fall Time
12
22
ns
Qg
Total Gate Charge
VGS = 0V to -10V
VDD = -15V,
ID = -8.8A
28
40
nC
Qg
Total Gate Charge
VGS = 0V to -5V
16
23
nC
Qgs
Gate to Source Charge
5.2
nC
Qgd
Gate to Drain “Miller” Charge
7.4
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = -8.8A
(Note 2)
-0.9
-1.2
V
trr
Reverse Recovery Time
IF = -8.8A, di/dt = 100A/
Ps
29
44
ns
Qrr
Reverse Recovery Charge
23
35
nC
NOTES:
1. RTJA is determined with the device mounted on a 1in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RTJC is guaranteed by design while RTCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 30
0Ps, Duty cycle < 2.0%.
3. The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
4. Starting TJ = 25°C, L = 1mH, IAS = -7A, VDD = -30V, VGS = -10V
a. 50°C/W when mounted on
a 1 in2 pad of 2 oz copper.
b. 125°C/W when mounted on
a minimum pad of 2 oz copper.
FDS4435
-30V P-Channel MOSFET
Rev:2023A2
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com