Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF7413Z Datasheet (PDF) - EVER SEMICONDUCTOR CO.,LIMITED

IRF7413Z Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED
Part # IRF7413Z
Download  IRF7413Z Download
File Size   618.51 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel MOSFET

IRF7413Z Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF7413Z Datasheet PDF - EVER SEMICONDUCTOR CO.,LIMITED

Part # IRF7413Z
Download  IRF7413Z Click to download

File Size   618.51 Kbytes
Page   8 Pages
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED
Description 30V N-Channel MOSFET

IRF7413Z Datasheet (HTML) - EVER SEMICONDUCTOR CO.,LIMITED


IRF7413Z Product details

Application
Generation VTechnology
Ultra Low On-Resistance
N-Channel Mosfet
Surface Mount
Available in Tape &Reel
Dynamic dv/dt Rating
Fast Switching
100% Rg Tested
Lead-Free

Features
VDS (V) = 30V
RDS(ON)< 12mΩ (VGS = 10V)
RDS(ON)< 17mΩ (VGS = 4.5V)




Similar Part No. - IRF7413Z

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7413Z IRF-IRF7413Z Datasheet
210Kb / 10P
HEXFET Power MOSFET
IRF7413Z IRF-IRF7413Z Datasheet
272Kb / 10P
Control FET for Notebook Processor Power
IRF7413Z IRF-IRF7413Z Datasheet
272Kb / 10P
Control FET for Notebook Processor Power
IRF7413ZGPBF IRF-IRF7413ZGPBF Datasheet
292Kb / 10P
Control FET for Notebook Processor Power
IRF7413ZPBF IRF-IRF7413ZPBF Datasheet
266Kb / 10P
Control FET for Notebool Processor Power, Control and Synchronous Rectifier
More results


Similar Description - IRF7413Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com