Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34923 Datasheet (PDF) - Freescale Semiconductor, Inc

34923 Datasheet PDF - Freescale Semiconductor, Inc
Part # 34923
Download  34923 Download
File Size   378.28 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Full-Bridge PWM Motor Driver

34923 Datasheet (PDF)

Go To PDF Page Download Datasheet
34923 Datasheet PDF - Freescale Semiconductor, Inc

Part # 34923
Download  34923 Click to download

File Size   378.28 Kbytes
Page   16 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Full-Bridge PWM Motor Driver

34923 Datasheet (HTML) - Freescale Semiconductor, Inc


34923 Product details

Full-Bridge PWM Motor Driver

Designed with Motorola’s advanced SMARTMOS, the 34923 is designed for pulse-width modulated (PWM) current control of DC motors. It is capable of continuous output currents up to 2.0 A and operating voltages of up to 45 V. Internal fixed off-time PWM current-control timing circuitry can be programmed via a serial interface to operate in slow, fast, and mixed current-decay modes.

Features
• ±2.0 A, 45 V Continuous Output Rating
• Low RDS(ON) Outputs (270 mΩ, typical)
• Programmable Mixed, Fast, and Slow Current-Decay Modes
• Serial Interface Controls Chip Functions
• Synchronous Rectification for Low Power Dissipation
• Internal Undervoltage Lockout Thermal Shutdown Circuitry
• Crossover-Current Protection




Similar Part No. - 34923

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
34923 FESTO-34923 Datasheet
90Kb / 1P
Pneumatic valve
logo
Keysight Technologies
34923A KEYSIGHT-34923A Datasheet
1Mb / 35P
Multifunction Switch/Measure Unit
34923T KEYSIGHT-34923T Datasheet
1Mb / 35P
Multifunction Switch/Measure Unit
More results


Similar Description - 34923

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
Full-bridge PWM Motor Driver
logo
Allegro MicroSystems
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
FULL-BRIDGE PWM MOTOR DRIVER
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A3953 ALLEGRO-A3953 Datasheet
488Kb / 12P
Full-Bridge PWM Motor Driver
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com