Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3953 Datasheet (PDF) - Allegro MicroSystems

A3953 Datasheet PDF - Allegro MicroSystems
Part # A3953
Download  A3953 Download
File Size   488.63 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full-Bridge PWM Motor Driver

A3953 Datasheet (PDF)

Go To PDF Page Download Datasheet
A3953 Datasheet PDF - Allegro MicroSystems

Part # A3953
Download  A3953 Click to download

File Size   488.63 Kbytes
Page   12 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Full-Bridge PWM Motor Driver

A3953 Datasheet (HTML) - Allegro MicroSystems


A3953 Product details

Designed for bidirectional pulse-width modulated (PWM) current control of inductive loads, the A3953S— is capable of continuous output currents to ±1.3 A and operating voltages to 50 V. Internal fixed off-time PWM currentcontrol circuitry can be used to regulate the maximum load current to a desired value. The peak load current limit is set by the user’s selection of an input reference voltage and external sensing resistor. The fixed off-time pulse duration is set by a user- selected external RC timing network. Internal circuit protection includes thermal shutdown with hysteresis, transient-suppression diodes, and crossover current protection. Special power-up sequencing is not required.

FEATURES
■ ±1.3 A Continuous Output Current
■ 50 V Output Voltage Rating
■ 3 V to 5.5 V Logic Supply Voltage
■ Internal PWM Current Control
■ Saturated Sink Drivers (Below 1 A)
■ Fast and Slow Current-Decay Modes
■ Automotive Capable
■ Sleep (Low Current Consumption) Mode
■ Internal TransientSuppression Diodes
■ Internal ThermalShutdown Circuitry
■ Crossover-Current and UVLO Protection




Similar Part No. - A3953

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3953 ALLEGRO-A3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
A3953SB ALLEGRO-A3953SB Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
A3953SB-T ALLEGRO-A3953SB-T Datasheet
317Kb / 15P
FULL-BRIDGE PWM MOTOR DRIVER
A3953SLB ALLEGRO-A3953SLB Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
A3953SLB-T ALLEGRO-A3953SLB-T Datasheet
317Kb / 15P
FULL-BRIDGE PWM MOTOR DRIVER
More results


Similar Description - A3953

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3951 ALLEGRO-3951 Datasheet
201Kb / 12P
FULL-BRIDGE PWM MOTOR DRIVER
3952 ALLEGRO-3952 Datasheet
195Kb / 16P
FULL-BRIDGE PWM MOTOR DRIVER
3953 ALLEGRO-3953 Datasheet
230Kb / 14P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Motorola, Inc
MC34923 MOTOROLA-MC34923 Datasheet
373Kb / 16P
Full-Bridge PWM Motor Driver
logo
Sanken electric
SI-5300 SANKEN-SI-5300 Datasheet
638Kb / 12P
Full-bridge PWM Motor Driver
logo
Allegro MicroSystems
3953 ALLEGRO-3953_05 Datasheet
317Kb / 15P
FULL-BRIDGE PWM MOTOR DRIVER
logo
Freescale Semiconductor...
34923 FREESCALE-34923 Datasheet
378Kb / 16P
Full-Bridge PWM Motor Driver
logo
Allegro MicroSystems
A4973SB-T ALLEGRO-A4973SB-T Datasheet
287Kb / 11P
Full-Bridge PWM Motor Driver
A4973SLBTR-T ALLEGRO-A4973SLBTR-T Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
A4973 ALLEGRO-A4973_16 Datasheet
286Kb / 11P
Full-Bridge PWM Motor Driver
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com