Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70WT Datasheet (PDF) - Micro Commercial Components

BAV70WT Datasheet PDF - Micro Commercial Components
Part # BAV70WT
Download  BAV70WT Download
File Size   345.62 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diode

BAV70WT Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV70WT Datasheet PDF - Micro Commercial Components

Part # BAV70WT
Download  BAV70WT Click to download

File Size   345.62 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diode

BAV70WT Datasheet (HTML) - Micro Commercial Components


BAV70WT Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/Rohs Compliant ("P"Suffix designates RoHS Compliant. See ordering information)
• Power dissipation: 200mW (Tamb=25°C)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• For Surface Mount Application




Similar Part No. - BAV70WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAV70WT MCC-BAV70WT Datasheet
210Kb / 2P
200mW Switching Diode
logo
First Silicon Co., Ltd
BAV70WT FS-BAV70WT Datasheet
434Kb / 3P
Dual Switching Diode
logo
RFE international
BAV70WT RFE-BAV70WT Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
logo
Motorola, Inc
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
CASE 419-02, STYLE 5 SC-70/SOT-323
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
Dual Switching Diodes
More results


Similar Description - BAV70WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
111Kb / 1P
200mW Switching Diode
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
200mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com