Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16WT Datasheet (PDF) - Micro Commercial Components

BAS16WT Datasheet PDF - Micro Commercial Components
Part # BAS16WT
Download  BAS16WT Download
File Size   111.82 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diode

BAS16WT Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16WT Datasheet PDF - Micro Commercial Components

Part # BAS16WT
Download  BAS16WT Click to download

File Size   111.82 Kbytes
Page   1 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 200mW Switching Diode

BAS16WT Datasheet (HTML) - Micro Commercial Components


BAS16WT Product details

Features
• Power dissipation: 200mW (Tamb=25°C)
• Average Rectified Output Current:150mA
• Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1




Similar Part No. - BAS16WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
156Kb / 2P
200mW Switching Diode
logo
TAITRON Components Inco...
BAS16WT TAITRON-BAS16WT Datasheet
233Kb / 4P
Three Terminals Surface Mount Switching Diode
logo
RFE international
BAS16WT RFE-BAS16WT Datasheet
1Mb / 3P
Switching Diodes
16-12-2021
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
CASE 419-02, STYLE 2 SC-70/SOT-323
logo
ON Semiconductor
BAS16WT1 ONSEMI-BAS16WT1 Datasheet
57Kb / 6P
Silicon Switching Diode
June, 2005??Rev. 6
More results


Similar Description - BAS16WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT Datasheet
345Kb / 2P
200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
200mW Switching Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com