Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16WT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS16WT
Description  200mW Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16WT Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16WT Datasheet HTML 1Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BAS16WT
MMBD4148WT
200mW Switching
Diode
Features
•
Power dissipation: 200mW (Tamb=25
℃)
•
Collector current:150mA
Maximum Ratings
•
Operating Temperature: -55
℃ to +150℃
•
Storage Temperature: -55
℃ to +150℃
Electrical Characteristics @ 25°C Unless Otherwise Specified
Reverse Voltage
VR
75V
IR=100
μA
Peak Forward
Current
IF
150mA
Maximum
Instantaneous
Forward Voltage
VF
0.715V
0.855
1.0V
1.25V
IFM =1mA;
IFM =10mA;
IFM =50mA;
IFM =150mA;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
1.0
µA
VR=75Volts
Diode Capacitance
CD
2pF
Measured at 1.0MHz,
VR=0V
Reverse Recovery
Time
Trr
4ns
IF=IR=10mA
Irr=0.1IR
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: 1
2005/01/24
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.079
.087
2.00
2.20
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.012
.016
.30
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
Marking: A2, KA2, KT1
TM
Micro Commercial Components


Similar Part No. - BAS16WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16WT MCC-BAS16WT Datasheet
156Kb / 2P
200mW Switching Diode
logo
TAITRON Components Inco...
BAS16WT TAITRON-BAS16WT Datasheet
233Kb / 4P
Three Terminals Surface Mount Switching Diode
logo
RFE international
BAS16WT RFE-BAS16WT Datasheet
1Mb / 3P
Switching Diodes
16-12-2021
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
CASE 419-02, STYLE 2 SC-70/SOT-323
logo
ON Semiconductor
BAS16WT1 ONSEMI-BAS16WT1 Datasheet
57Kb / 6P
Silicon Switching Diode
June, 2005??Rev. 6
More results

Similar Description - BAS16WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT Datasheet
345Kb / 2P
200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_11 Datasheet
210Kb / 2P
200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
200mW Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com