Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C213097 Datasheet (PDF) - List of Unclassifed Manufacturers

C213097 Datasheet PDF - List of Unclassifed Manufacturers
Part # C213097
Download  C213097 Download
File Size   2080.83 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IEC Low Voltage General Purpose Protection Ferrule fuse-links 8x31 gG 400VAC from 0.5 to 25A

C213097 Datasheet (PDF)

Go To PDF Page Download Datasheet
C213097 Datasheet PDF - List of Unclassifed Manufacturers

Part # C213097
Download  C213097 Click to download

File Size   2080.83 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description IEC Low Voltage General Purpose Protection Ferrule fuse-links 8x31 gG 400VAC from 0.5 to 25A

C213097 Datasheet (HTML) - List of Unclassifed Manufacturers


C213097 Product details

gG type for protection of line, cable against
overload and short circuit in various industrial
application and electrical distribution circuits.
Applications




Similar Part No. - C213097

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
C2139NL PULSE-C2139NL Datasheet
81Kb / 2P
BROADBAND: RF & WIRELESS
More results


Similar Description - C213097

ManufacturerPart #DatasheetDescription
logo
Littelfuse
NHFS3B LITTELFUSE-NHFS3B Datasheet
427Kb / 2P
NH Fuse Links
FK1 LITTELFUSE-FK1 Datasheet
1Mb / 10P
Fuse links for rated voltage up to 32 V
logo
Cooper Bussmann, Inc.
011-9127 COOPER-011-9127 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
189000 ETC2-189000 Datasheet
334Kb / 1P
Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
690 Volts gG/gL NH Fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
logo
Schneider Electric
DF2BN0200 SCHNEIDER-DF2BN0200 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 8.5mm x 31.5mm, fuse type gG, 400VAC, 2A, without striker
Jun 13, 2022
DF2CN32 SCHNEIDER-DF2CN32 Datasheet
102Kb / 2P
NFC cartridge fuses, TeSys GS, cylindrical 10mm x 38mm, fuse type gG, 400VAC, 32A, without striker
Jun 13, 2022
logo
ABB
NHPL052760R1 ABB-NHPL052760R1 Datasheet
53Kb / 1P
Fuse link type CMF High voltage – fuse links
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com